Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 116 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 112Page - STMicroelectronics STV82X7DT Datasheet HTML 113Page - STMicroelectronics STV82X7DT Datasheet HTML 114Page - STMicroelectronics STV82X7DT Datasheet HTML 115Page - STMicroelectronics STV82X7DT Datasheet HTML 116Page - STMicroelectronics STV82X7DT Datasheet HTML 117Page - STMicroelectronics STV82X7DT Datasheet HTML 118Page - STMicroelectronics STV82X7DT Datasheet HTML 119Page - STMicroelectronics STV82X7DT Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 149 page
background image
Register List
STV82x7
116/149
HP_LOUDNESS
Register Description
12.18 Volume
VOLUME_MODES
Set the Volume Modes
Address: D6h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
HP_LOUD_THRESHOLD[2:0]
HP_LOUD_GAIN_HR[2:0]
HP_
LOUD_ON
Bit Name
Reset
Function
Bit 7
0
Reserved.
HP_LOUD_
THRESHOLD[2:0]
000
Define the volume threshold level since which loudness effect is applied :
000: 0dB
001: -6dB
010: -12dB
011: -18dB
100: -24dB
101: -32dB
110: -36dB
111: -42dB
HP_LOUD_GAIN_
HR[2:0]
010
Define the amount of Treble added by loudness effect:
000: 0dB
001: 3dB
010: 6dB
011: 9dB
100: 12dB
101: 15dB
110: 18dB
HP_LOUD_ON
0
0: Loudness is not active on HP output
1: Loudness is active on HP output
Address: D7h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ANTICLIP_HP
_VOL_CLAMP
ANTICLIP_LS
_VOL_CLAMP
00
SCART_
VOLUME_
MODE
SRND_
VOLUME_
MODE
HP_
VOLUME_
MODE
LS_
VOLUME_
MODE
Bit Name
Reset
Function
ANTICLIP_HP_VOL
_CLAMP
1
The output level is clamped depending on the HP Bass-Treble value to avoid any possible signal
clipping on HP output.
0: Volume clamp on HP output is not active
1: Volume clamp on HP output is active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com