Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 125 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 121Page - STMicroelectronics STV82X7DT Datasheet HTML 122Page - STMicroelectronics STV82X7DT Datasheet HTML 123Page - STMicroelectronics STV82X7DT Datasheet HTML 124Page - STMicroelectronics STV82X7DT Datasheet HTML 125Page - STMicroelectronics STV82X7DT Datasheet HTML 126Page - STMicroelectronics STV82X7DT Datasheet HTML 127Page - STMicroelectronics STV82X7DT Datasheet HTML 128Page - STMicroelectronics STV82X7DT Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 149 page
background image
125/149
STV82x7
Register List
SCART_L_VOLUME_LSB
Register Description
The volume value is defined by the following formula:
Vol (dB) = Decimal value of SCART_L_VOLUME_MSB x 0.5 + Decimal value of SCART_L_VOLUME_LSB x 0.125 -
116 dB (each step is 0.125 dB).
SCART_R_VOLUME_MSB
Register Description
SCART_R_VOLUME_LSB
Register Description
Address: EBh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
SCART_L_VOLUME_LSB[1:0]
Bit Name
Reset
Function
Bits[7:2]
000000 Reserved.
SCART_L_
VOLUME_LSB[1:0]
00
SCART 10 bits volume Left channel 2 LSB in independent mode or SCART10 bits Left and Right
volume 2 LSB in differential mode.
See Figure 19: Volume Control on page 36 or Figure 20: Differential Balance on page 37.
Address: ECh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCART_R_VOLUME_MSB[7:0]
Bit Name
Reset
Function
SCART_R_
VOLUME_MSB[7:0]
11011101 SCART 10 bits volume Right channel 8 MSB in independent mode or SCART10 bits Left and Right
balance 8 MSB in differential mode.
See Figure 19: Volume Control on page 36 or Figure 20: Differential Balance on page 37.
Address: EDh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
SCART_R_VOLUME_LSB[1:0]
Bit Name
Reset
Function
Bits[7:2]
000000 Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com