Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 133 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 129Page - STMicroelectronics STV82X7DT Datasheet HTML 130Page - STMicroelectronics STV82X7DT Datasheet HTML 131Page - STMicroelectronics STV82X7DT Datasheet HTML 132Page - STMicroelectronics STV82X7DT Datasheet HTML 133Page - STMicroelectronics STV82X7DT Datasheet HTML 134Page - STMicroelectronics STV82X7DT Datasheet HTML 135Page - STMicroelectronics STV82X7DT Datasheet HTML 136Page - STMicroelectronics STV82X7DT Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 149 page
background image
133/149
STV82x7
Electrical Characteristics
13.4
Crystal Oscillator
13.5
Analog Sound IF Signal
Symbol
Parameter
Min.
Typ.
Max.
Units
fP
Crystal Series Resonance Frequency (at C21 = C22 = 27 pF load capacitor)
27
MHz
DF/FP
Frequency Tolerance at 25 °C
-30
+30
ppm
DF/FT
Frequency Stability versus Temperature within a range from 0 to 70 °C
-30
+30
ppm
C1
Motional Capacitor
15
fF
RS
Serial Resistance
30
Ω
CS
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BANDSIF
SIF Frequency Flatness
AGC_ERR at 0, frequency range
from 4 to 7MHz
0.6
3
dB
RINSIF
SIF Input Resistance
60
72
85
k
Ω
DCINSIF
SIF Input DC Level
0.9
V
CINSIF
SIF Input Capacitance
3
pF
FM Carrier
VSIFFM
SIF Input Sensitivity
SNR 40dB
RMS unweighted, 20Hz-15kHz,
Standard B/G 27 kHz FM
Deviation,1kHz
350
µVPP
DEVFM
FM Maximum Deviation
FM50k (Standard)
Signal Lost, DK mode, FM
prescale at 0
±15
±50
±115
kHz
FM200k
±200
±320
FM350k
±350
±560
FM500k
±500
±700
DFSIFFM
SIF Carrier Accuracy for
FM
Standard (FM50k)
±1
±5
kHz
Shifted Standard
(FM50k with DCO
compensation)
±120
kHz
RFM/QPSK
Carrier Ratio FM/QPSK for NICAM System
NICAM mute, FAR_MODE is
active, standard BG, 100mVPP
level for FM carrier
40
dB
AM Carrier
VSIFAM
SIF Input Sensitivity
Unmodulated, -3 dB at output
amplitude AGC_ERR at 21d
Standard L, 54% AM Depth,
1kHz
19
mVPP
VMAX_SIFAM SIF Maximum Input Level
Unmodulated, THD at 1%, 54%
AM Depth, AGC_ERR at 0
1.3
VPP
DEVAM
Modulation Depth for AM
THD at 1%
0
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com