Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV82X7DT Datasheet(PDF) 140 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 136Page - STMicroelectronics STV82X7DT Datasheet HTML 137Page - STMicroelectronics STV82X7DT Datasheet HTML 138Page - STMicroelectronics STV82X7DT Datasheet HTML 139Page - STMicroelectronics STV82X7DT Datasheet HTML 140Page - STMicroelectronics STV82X7DT Datasheet HTML 141Page - STMicroelectronics STV82X7DT Datasheet HTML 142Page - STMicroelectronics STV82X7DT Datasheet HTML 143Page - STMicroelectronics STV82X7DT Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 149 page
background image
Input/Output Groups
STV82x7
140/149
14
Input/Output Groups
Pin numbers apply to SDIP package only.
VCC18_IF
50K
GND_PSUB
SIF_P73
50K
50K
VCC18_IF
VCC_H
GND_PSUB
SC1_OUTL
1
2
5
6
18
19
SC1_OUTR
SC2_OUTL
SC2_OUTR
SC3_OUTL
SC3_OUTR
VCC33_LS
GND_PSUB
LS_C
LS_L
LS_R
SCR_FLT
LS_SUB
25
LS_L
HP_LSS_L
HP_LSS_R
26
27
28
29
30
31
32
150
VCC33_LS
GND 33_LS
78
MONO_IN
30K
VREFA
VCC18_IF
GNDIF
74
SIF_N
VCC18_IF
REF
VCC_H
GND_PSUB
9
SC1_IN_L
22K5
7K5
VREFA
10
14
15
23
24
79
80
SC1_IN_R
SC2_IN_L
SC2_IN_R
SC3_IN_L
SC3_IN_R
SC4_IN_L
SC4_IN_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com