Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960CGEFL/V Datasheet(PDF) 73 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 73 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 69Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 70Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 71Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 72Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 73Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 74Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 75Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 76Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
WM8960
Rev 4.4
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
ADCHPD
0
ADC High Pass Filter Disable
0 = Enable high pass filter on left and right
channels
1 = Disable high pass filter on left and right
channels
Analogue to
Digital Converter
R6 (06h)
ADC and
DAC
Control (2)
8:7
00
Reserved
6:5
DACPOL[1:0]
00
DAC polarity control:
00 = Polarity not inverted
01 = DAC L inverted
10 = DAC R inverted
11 = DAC L and R inverted
Output Signal
Path
4
0
Reserved
3
DACSMM
0
DAC Soft Mute Mode
0 = Disabling soft-mute (DACMU=0) will cause
the volume to change immediately to the
LDACVOL / RDACVOL settings
1 = Disabling soft-mute (DACMU=0) will cause
the volume to ramp up gradually to the
LDACVOL / RDACVOL settings
Output Signal
Path
2
DACMR
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (24kHz at fs=48k, providing
maximum delay of 10.7ms)
1 = Slow ramp (1.5kHz at fs=48k, providing
maximum delay of 171ms)
Output Signal
Path
1
DACSLOPE
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband
Output Signal
Path
0
0
Reserved
R7 (07h)
Audio
Interface
8
ALRSWAP
0
Left/Right ADC Channel Swap
1 = Swap left and right ADC data in audio
interface
0 = Output left and right data as normal
Audio Interface
Control
7
BCLKINV
0
BCLK invert bit (for master and slave modes)
0 = BCLK not inverted
1 = BCLK inverted
Audio Interface
Control
6
MS
0
Master / Slave Mode Control
0 = Enable slave mode
1 = Enable master mode
Audio Interface
Control
5
DLRSWAP
0
Left/Right DAC Channel Swap
0 = Output left and right data as normal
1 = Swap left and right DAC data in audio
interface
Audio Interface
Control
4
LRP
0
Right, left and I2S modes
– LRCLK polarity
0 = normal LRCLK polarity
1 = invert LRCLK polarity
Audio Interface
Control
DSP Mode
– mode A/B select
0 = MSB is available on 2nd BCLK rising edge
after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising edge
after LRC rising edge (mode B)
3:2
WL[1:0]
10
Audio Data Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits (see Note)
Audio Interface
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com