Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960CGEFL/V Datasheet(PDF) 82 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 82 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 78Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 79Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 80Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 81Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 82Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 83Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 84Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 85Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
WM8960
82
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R39 (27h)
Mono Out
Mix (2)
8
0
Reserved
7
R2MO
0
Right Output Mixer to Mono Output Mixer Control
0 = Right channel mix disabled
1 = Right channel mix enabled
Output Signal
Path
6:0
0000000
Reserved
R40 (28h)
Left
Speaker
Volume
8
SPKVU
N/A
Speaker Volume Update
Writing a 1 to this bit will cause left and right
speaker volumes to be updated (SPKLVOL and
SPKRVOL)
Analogue
Outputs
7
SPKLZC
0
Left Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
6:0
SPKLVOL[6:0]
0000000
SPK_LP/SPK_LN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
Analogue
Outputs
R41 (29h)
Right
Speaker
Volume
8
SPKVU
N/A
Speaker Volume Update
Writing a 1 to this bit will cause left and right
speaker volumes to be updated (SPKLVOL and
SPKRVOL)
Analogue
Outputs
7
SPKRZC
0
Right Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
6:0
SPKRVOL[6:0]
0000000
SPK_RP/SPK_RN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
Analogue
Outputs
R42 (2Ah)
OUT3
Volume
8:7
00
Reserved
6
MOUTVOL
1
Mono Output Mixer Volume Control
0 = 0dB
1 = -6dB
Output Signal
Path
5:0
000000
Reserved
R43 (2Bh)
Left Input
Boost
Mixer
8:7
00
Reserved
6:4
LIN3BOOST[2:0]
000
LINPUT3 to Boost Mixer Gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Input Signal
Path
3:1
LIN2BOOST[2:0]
000
LINPUT2 to Boost Mixer Gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Input Signal
Path
0
0
Reserved
R44 (2Ch)
Right Input
Boost
Mixer
8:7
00
Reserved
6:4
RIN3BOOST[2:0]
000
RINPUT3 to Boost Mixer Gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Input Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com