Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960CGEFL/V Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 85Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 86Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 87Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 88Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 89Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 90Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 91Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 92Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
WM8960
Rev 4.4
89
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
0.1uF
0.1uF
4.7uF
0.1uF
4.7uF
4.7uF
8R
8R
100uF
100uF
HEADPHONE_L
HEADPHONE_R
MICBIAS
2k2
2k2
MICBIAS
SCLK
ADCLRC/
GPIO
SDIN
DACLRC
BCLK
MCLK
DACDAT
ADCDAT
1uF
1uF
1uF
1uF
1uF
MONO_OUT
1uF
1uF
LINE_INL
LINE_INR
DCVDD
DBVDD
SPKVDD1
SPKVDD2
AVDD
ADCLRC/GPIO
DACLRC
BCLK
ADCDAT
DACDAT
MCLK
LINPUT3
LINPUT2
LINPUT1
RINPUT3
RINPUT2
RINPUT1
SCLK
SDIN
DGND
AGND
SPKGND1
SPKGND2
VMID
MICBIAS
HP_L
HP_R
OUT3
SPK_LP
SPK_LN
SPK_RP
SPK_RN
GNDPADDLE
Notes:
1. AGND and DGND should be connected as close to the WM8960 as possible.
2. Supply decoupling capacitors on DCVDD, DBVDD, SPKVDD and AVDD shoule be positioned as close to the WM8960 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are recommended for optimum performance.
4. Microphone common mode noise performance can be improved by adding resistors from the microphone negative terminal to
ground.
5. The speakers should be connected as close as possible to the WM8960. When this is not possible, filtering should be placed on the
speaker outputs close the the WM8960.
4.7uF
SPEAKER SELECTION
For filterless operation, it is important to select a speaker with appropriate internal inductance. The
internal inductance and the speaker's load resistance create a low-pass filter with a cut-off frequency
of:
fc = RL / 2L
e.g. for an 8
 speaker and required cut-off frequency of 20kHz, the speaker should be chosen to have
an inductance of:
L = RL / 2fc = 8 / 2 * 20kHz = 64H
8
 speakers typically have an inductance in the range 20H to 100H. Care should be taken to
ensure that the cut-off frequency of the speaker's internal filtering is low enough to prevent speaker
damage. The class D outputs of the WM8960 operate at much higher frequencies than is
recommended for most speakers, and the cut-off frequency of the filter should be low enough to
protect the speaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com