Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 40 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 40 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 36Page - WIZnet Co., Ltd W6100 Datasheet HTML 37Page - WIZnet Co., Ltd W6100 Datasheet HTML 38Page - WIZnet Co., Ltd W6100 Datasheet HTML 39Page - WIZnet Co., Ltd W6100 Datasheet HTML 40Page - WIZnet Co., Ltd W6100 Datasheet HTML 41Page - WIZnet Co., Ltd W6100 Datasheet HTML 42Page - WIZnet Co., Ltd W6100 Datasheet HTML 43Page - WIZnet Co., Ltd W6100 Datasheet HTML 44Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
40/149
1 : Enable Power Down Mode
SYS_CLK is automatically changed to 25MHz.
ref) 8.4.1 Reset Timing
4
-
Reserved
3
TE
10BASE-Te MODE
It’s valid only in case that PHYSR[MODE2:MODE0] = ‘000’.
0 : Disable 10BASE-Te MODE
1 : Enable 10BASE-Te MODE
[2:1]
-
Reserved
0
RST
PHY Reset
On PHY HW Reset, SYS_CLK is changed to 25MHz.
When reset is completed, this bit is cleared automatically and SYS_CLK
is restored to the previous setting clock.
ref) 8.4.1 Reset Timing
0 : Normal Operation
1 : PHY HW Reset
4.1.26 NET4MR (Network IPv4 Mode Register)
[R=W] [0x4000] [0x00]
NET4MR sets special options for IPv4.
7
6
5
4
3
2
1
0
-
-
-
-
UNRB
PARP
RSTB
PB
-
-
-
-
R=W
R=W
R=W
R=W
Bit
Symbol
Description
[7:4]
-
Reserved
3
UNRB
UDP4 Port Unreachable Packet Block
When UDP4 packet is transmitted to SOCKET that is not opened,
destination port unreachable packet is transmitted.
It can be a target of UDP port scan attack. To prevent this,
unreachable packet transmission can be blocked.
0 : Unblock
1 : Block
2
PARP
ARPv4 for PINGv4 Reply
Set to issue ARPv4 before PINGv4 Reply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com