Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 59 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 59 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 55Page - WIZnet Co., Ltd W6100 Datasheet HTML 56Page - WIZnet Co., Ltd W6100 Datasheet HTML 57Page - WIZnet Co., Ltd W6100 Datasheet HTML 58Page - WIZnet Co., Ltd W6100 Datasheet HTML 59Page - WIZnet Co., Ltd W6100 Datasheet HTML 60Page - WIZnet Co., Ltd W6100 Datasheet HTML 61Page - WIZnet Co., Ltd W6100 Datasheet HTML 62Page - WIZnet Co., Ltd W6100 Datasheet HTML 63Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
59/149
By CLOSE command, SOCKET is closed immediately and Sn_SR changes
to SOCK_CLOSED regardless of the previous status.
* CAUTION : In TCP4, TCP6 and TCPD Mode, SOCKET is closed without
sending FIN Packet
0x20
SEND *
SEND Command
SOCKET sends DATA packet in TCP4, TCP6, TCPD, UDP4, UDPD, IPRAW4
and MACRAW mode.
0xA0
SEND6 *
IPv6 SOCKET SEND Command
SOCKET sends DATA packet in UDP6, UDPD and IPRAW6 mode.
0x22
SEND_KEEP
TCP SEND_KEEP Command
SEND_KEEP command is used only in TCP4, TCP6 and TCPD mode and It
is valid only in case that HOST sent at least 1 Byte DATA before
SEND_KEEP command.
SEND_KEEP command sends Keep Alive (KA) packet to peer for checking
if TCP connection is still valid. If ACK packet for KA packet is not
received, Sn_IR[TIMEOUT] occurs and Sn_SR is set SOCK_CLOSED after
the configured retransmission time.
ref) 6.2.4.2
Keep Alive
0x40
RECV
SOCKET RECV Command
By RECV command, HOST can read data received in SOCKET n RX Buffer
block. Sn_RX_RD(SOCKET n Read Pointer Register) must be increased by
the size of the read data.
ref) 4.2.28 Sn_RX_RSR (SOCKET n RX Received Size Register), 4.2.30
Sn_RX_WR (SOCKET n RX Write Pointer Register), 4.2.29 Sn_RX_RD (SOCKET
n RX Read Pointer Register)
* By SEND or SEND6 Commands, SOCKET sends DATA and the DATA size is calculated by Sn_TX_WR(SOCKET n TX
Write Pointer Register) and Sn_TX_RD(SOCKET n TX Read Pointer Register). Sending DATA must not exceed
Sn_TX_FSR(SOCKET n TX Free Buffer Size Register) and HOST sets next SEND Command after Sn_IR[SENDOK]
= ‘1’.
* In TCP4, TCP6, TCPD, UDP4, UDP6 and UDPD Mode, if the sending DATA exceeds MSS(Maximum Segment Size),
the sending DATA is automatically divided by MSS and transmitted.
* In IPRAW4, IPRAW6 and MACRAW Mode, HOST must divide DATA by MSS.
* In TCP4, TCP6 and TCPD Mode, if SOCKET could not successfully send DATA (no receives ACK Packet) to
Destination, SOCKET will be closed and Sn_IR[TIMEOUT] & Sn_SR[SOCK_CLOSED] occurs.
* In TCP4, TCP6, TCPD, UDP4, UDP6, UDPD, IPRAW4, IPRAW6 and MACRAW Mode, Sn_TX_FSR is increased by sent
DATA Size after Sn_IR[SENDOK] = ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com