Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 14 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 14 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 10Page - WIZnet Co., Ltd W6100 Datasheet HTML 11Page - WIZnet Co., Ltd W6100 Datasheet HTML 12Page - WIZnet Co., Ltd W6100 Datasheet HTML 13Page - WIZnet Co., Ltd W6100 Datasheet HTML 14Page - WIZnet Co., Ltd W6100 Datasheet HTML 15Page - WIZnet Co., Ltd W6100 Datasheet HTML 16Page - WIZnet Co., Ltd W6100 Datasheet HTML 17Page - WIZnet Co., Ltd W6100 Datasheet HTML 18Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
14/149
Make sure to supply it to 1V2D and 1V2A through External
Capacitor 3.3uF for stabilization.
When 1V2O is supplied, 1V2D and 1V2A must be separated
through Ferrite Bead.
* CAUTION
This power is only for W6100. It must not be used
for others device.
15
3V3A
AP
Analog 3.3V Power
16
GNDA
AP
Analog Ground
17
LNKn
OU
Link Status LED
It is valid in case of SPI and Parallel BUS Mode.
Low: Link up
High: Link down
18
SPDn
OU
Link Speed LED
It is valid in case of SPI and Parallel BUS Mode.
Low: 100Mbps
High: 10Mbps
19
DPXn
OU
Link Duplex LED
It is valid in case of SPI and Parallel BUS Mode.
Low: Full-Duplex
High: Half-Duplex
20
ACTn
OU
Link Activity LED
It is valid in case of SPI and Parallel BUS Mode.
Low: Link up state without TX/RX
Blinking: Link up state with TX/RX data
High: Link-down state
21
COLn
OU
Link Collision Detect LED
It is valid in case of SPI and Parallel BUS Mode.
It indicates a collision during Data transmission.
Low: Collision Detected
High: No Collision
22
1V2D
P
Digital 1.2V Power
1V2O voltage source must be supplied to.
23
GND
P
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com