Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 12 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 12 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 8Page - WIZnet Co., Ltd W6100 Datasheet HTML 9Page - WIZnet Co., Ltd W6100 Datasheet HTML 10Page - WIZnet Co., Ltd W6100 Datasheet HTML 11Page - WIZnet Co., Ltd W6100 Datasheet HTML 12Page - WIZnet Co., Ltd W6100 Datasheet HTML 13Page - WIZnet Co., Ltd W6100 Datasheet HTML 14Page - WIZnet Co., Ltd W6100 Datasheet HTML 15Page - WIZnet Co., Ltd W6100 Datasheet HTML 16Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
12/149
1.
PIN Description
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
RSTn
INTn
GND
1V2D
DAT7
DAT6
DAT5
DAT4
DAT3
DAT2
DAT1
DAT0
1V2D
1V2O
3V3A
GNDA
LNKn
SPDn
DPXn
ACTn
COLn
1V2D
3V3D
GND
W6100
LOT Number
Weekly Code
Figure 2 W6100 Pin Layout
Table 1 Pin Type Notation
Type
Description
I
Input
O
Output
M
Alternate (Multi-function) Signal
U
Internal pulled-up 75KΩ resistor
D
Internal pulled-down 75KΩ resistor
A
Analog
P
Power & Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com