Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 29 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 29 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 25Page - WIZnet Co., Ltd W6100 Datasheet HTML 26Page - WIZnet Co., Ltd W6100 Datasheet HTML 27Page - WIZnet Co., Ltd W6100 Datasheet HTML 28Page - WIZnet Co., Ltd W6100 Datasheet HTML 29Page - WIZnet Co., Ltd W6100 Datasheet HTML 30Page - WIZnet Co., Ltd W6100 Datasheet HTML 31Page - WIZnet Co., Ltd W6100 Datasheet HTML 32Page - WIZnet Co., Ltd W6100 Datasheet HTML 33Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
29/149
SUBR
Subnet Mask Register
SIPR
Source IP Address Register
IPv6
LLAR
Link Local Address Register
GUAR
Global Unicast Address Register
SUB6R
IPv6 Subnet Prefix Register
GA6R
IPv6 Gateway IP Address
It is excluded from lock mechanism
* CAUTION
: GA6R can be set regardless of setting of NETL.
5
PHYL
PHY Lock Status
PHY Lock can be set by PHYLCKR(PHY Configuration Lock Register).
0: Unlock – possible to set PHYC0R, PHYC1R
1: Lock – unable to set PHY Control Register (PHYC0R, PHYC1R)
[4:2]
-
Reserved
1
IND
Parallel BUS Interface Mode
0: Others
1: PIN MODE[3:0] = “010X”
0
SPI
SPI Interface Mode
0: Others
1: PIN MODE[3:0] = “000X”
4.1.4 SYCR0 (System Config Register 0)
[WO][0x2004] [0x80]
SYCR0 softly resets to W6100
SYCR0 can be set in case of only SYSR[CHPL] = ‘0’ .
7
6
5
4
3
2
1
0
RST
-
-
-
-
-
-
-
WO
Bit
Symbol
Description
7
RST
Software Reset
W6100 S/W reset. All registers are initialized.
0 : W6100 reset
1 : Normal operation
[6:0]
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com