Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 37 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 37 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 33Page - WIZnet Co., Ltd W6100 Datasheet HTML 34Page - WIZnet Co., Ltd W6100 Datasheet HTML 35Page - WIZnet Co., Ltd W6100 Datasheet HTML 36Page - WIZnet Co., Ltd W6100 Datasheet HTML 37Page - WIZnet Co., Ltd W6100 Datasheet HTML 38Page - WIZnet Co., Ltd W6100 Datasheet HTML 39Page - WIZnet Co., Ltd W6100 Datasheet HTML 40Page - WIZnet Co., Ltd W6100 Datasheet HTML 41Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
37/149
4.1.18 PHYSR (PHY Status Register)
[RO] [0x3000] [0x00]
PHYSR checks PHY operation mode and LINK status set through PHYCR0(PHY Control Register
0).
7
6
5
4
3
2
1
0
CAB
-
MODE2
MODE1
MODE0
DPX
SPD
LNK
RO
RO
RO
RO
RO
RO
RO
Bit
Symbol
Description
7
CAB
Cable OFF bit
1 : Cable Unplugged
0 : Cable Plugged
6
-
Reserved
[5:3]
MODE
[2:0]
PHY OPMODE
MODE2
MODE1
MODE0
Description
0
X
X
Auto Negotiation
1
0
0
100BASE-TX FDX
1
0
1
100BASE-TX HDX
1
1
0
10BASE-T FDX
1
1
1
10BASE-T HDX
2
DPX
Flag Duplex bit (When Link Up)
1 : Half Duplex
0 : Full Duplex
1
SPD
Flag Speed bit (When Link Up)
1 : 10Mbps
0 : 100Mbps
0
LNK
Flag Link bit
1 : Link Up
0 : Link Down
4.1.19 PHYRAR (PHY Register Address Register)
[R=W] [0x3008] [0x00]
PHYRAR sets PHY register address in integrated Ethernet PHY.
7
6
5
4
3
2
1
0
-
-
-
A4
A3
A2
A1
A0
R=W
R=W
R=W
R=W
R=W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com