Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 31 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 31 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 27Page - WIZnet Co., Ltd W6100 Datasheet HTML 28Page - WIZnet Co., Ltd W6100 Datasheet HTML 29Page - WIZnet Co., Ltd W6100 Datasheet HTML 30Page - WIZnet Co., Ltd W6100 Datasheet HTML 31Page - WIZnet Co., Ltd W6100 Datasheet HTML 32Page - WIZnet Co., Ltd W6100 Datasheet HTML 33Page - WIZnet Co., Ltd W6100 Datasheet HTML 34Page - WIZnet Co., Ltd W6100 Datasheet HTML 35Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
31/149
Bit
Symbol
Description
7
WOL
WOL(Wake On LAN) Magic Packet
0 : Others
1 : WOL MAGIC Packet received
[6:5]
-
Reserved
4
UNR6
Destination IPv6 Port Unreachable
0 : Others
1 : ICMPv6 Destination Port Unreachable Packet received
ref) The Unreachable IPv6 Address and the Port Number of the received
Unreachable Packet are stored in
UIP6R (Unreachable IPv6 Address
Register) and UPORT6R (Unreachable IPv6 Port Register), respectively.
3
-
Reserved
2
IPCONF
IP Conflict
0 : Others
1 : IPv4 Address Conflict occurred
1
UNR4
Destination Port Unreachable
0: Others
1: ICMPv4 Destination Port Unreachable Packet received
ref) The Unreachable IP Address and Port Number of the received
Unreachable Packet are stored in
UIPR (Unreachable IP Address
Register) and UPORTR (Unreachable Port Register), respectively.
0
PTERM
PPPoE Terminated
0 : Others
1 : a PPPoE connection was terminated by receving PPPT or LCPT
packets
4.1.9 SIR (SOCKET Interrupt Register)
[RO] [0x2101] [0x00]
When the IR of a specific SOCKET is not ‘0’, corresponding bit is set to ‘1’.
7
6
5
4
3
2
1
0
S7_INT
S6_INT
S5_INT
S4_INT
S3_INT
S2_INT
S1_INT
S0_INT
RO
RO
RO
RO
RO
RO
RO
RO
Bit
Symbol
Description
[7:0]
Sn_INT-
SOCKET n Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com