Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 69 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 69 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 65Page - WIZnet Co., Ltd W6100 Datasheet HTML 66Page - WIZnet Co., Ltd W6100 Datasheet HTML 67Page - WIZnet Co., Ltd W6100 Datasheet HTML 68Page - WIZnet Co., Ltd W6100 Datasheet HTML 69Page - WIZnet Co., Ltd W6100 Datasheet HTML 70Page - WIZnet Co., Ltd W6100 Datasheet HTML 71Page - WIZnet Co., Ltd W6100 Datasheet HTML 72Page - WIZnet Co., Ltd W6100 Datasheet HTML 73Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
69/149
Value (Dec)
0
1
2
4
8
16
Buffer size
0KB
1KB
2KB
4KB
8KB
16KB
Ex) S0_TX_BSR= 4 Kbytes
S0_TX_BSR(0x0200)
0x04
4.2.24 Sn_TX_FSR (SOCKET n TX Free Buffer Size Register)
[RO] [0x0204-0x205] [0x0000]
Sn_TX_FSR indicates the free size in SOCKET n buffer block.
In UDP, IPRAW and MACRAW mode,
Sn_TX_FSR = Sn_TX_BSR – | Sn_TX_WR(1) – Sn_TX_RD(2) |
In TCP mode,
Sn_TX_FSR = Sn_TX_BSR – | Sn_TX_WR – Internal Pointer(3) |
(1) SOCKET n TX Write Pointer Register
(2) SOCKET n TX Read Pointer Register
(3) TCP ACK Pointer managed by W6100
Make sure sending DATA size does not exceed the size in sn_TX_FSR.
Ex) S0_TX_FSR = 1024 (0x0400)
S0_TX_FSR0(0x0204)
S0_TX_FSR1(0x0205)
0x04
0x00
4.2.25 Sn_TX_RD (SOCKET n TX Read Pointer Register)
[RO] [0x0208-0x0209] [0x0000]
Sn_TX_RD is initialized by Sn_CR[OPEN].
By Sn_CR [SEND], SOCKET sends DATA, which is stored from Sn_TX_RD to Sn_TX_WR in SOCKET
n TX Buffer. After sending DATA, Sn_IR [SENDOK] is set and Sn_TX_RD is automatically increased
by sent data size. If the auto-increment Sn_TX_RD exceeds the maximum value 0xFFFF of the
16-bit offset address and the Carry bit (17th bit) occurs, the carry bit is ignored and
automatically set to the lower 16 bits value.
Ex) S0_TX_RD = 0xd4b3
S0_TX_RD0(0x0208)
S0_TX_RD1(0x0209)
0xd4
0xb3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com