Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 76 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 76 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 72Page - WIZnet Co., Ltd W6100 Datasheet HTML 73Page - WIZnet Co., Ltd W6100 Datasheet HTML 74Page - WIZnet Co., Ltd W6100 Datasheet HTML 75Page - WIZnet Co., Ltd W6100 Datasheet HTML 76Page - WIZnet Co., Ltd W6100 Datasheet HTML 77Page - WIZnet Co., Ltd W6100 Datasheet HTML 78Page - WIZnet Co., Ltd W6100 Datasheet HTML 79Page - WIZnet Co., Ltd W6100 Datasheet HTML 80Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
76/149
5.1.1.3
Data Phase
The length of data phase is selected among N-byte(VDM) or 1,2,4 bytes(FDM) which is
designated in SPI operation mode bits(OM[1:0]) of control phase. Data is transferred through
MOSI or MISO signal from MSB to LSB sequentially.
5.1.2 Variable Length Data Mode (VDM)
In this mode, the data phase length of SPI Frame is determined by CSn which is controlled by
the HOST.
The OM[1:0] of control phase must be set to ’00’ value for VDM mode
5.1.2.1
Write Access in VDM
Figure 9 shows the SPI frame and SPI signals in write access.
In the VDM, CSn(High-to-Low) by HOST informs the start of SPI frame and CSn(Low to High) by
HOST informs the end of SPI Frame to W6100.
In the control phase, RWB is "1" to indicate write access and OM[1:0] is "00" to indicate VDM.
The data bits transmitted through MOSI are synchronized to the SCLK (Falling-Edge).
If more than one byte of data is transmitted continuously, it supports sequential data write.
Figure 9 Write SPI Frame in VDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com