Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6100 Datasheet(PDF) 30 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 30 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 26Page - WIZnet Co., Ltd W6100 Datasheet HTML 27Page - WIZnet Co., Ltd W6100 Datasheet HTML 28Page - WIZnet Co., Ltd W6100 Datasheet HTML 29Page - WIZnet Co., Ltd W6100 Datasheet HTML 30Page - WIZnet Co., Ltd W6100 Datasheet HTML 31Page - WIZnet Co., Ltd W6100 Datasheet HTML 32Page - WIZnet Co., Ltd W6100 Datasheet HTML 33Page - WIZnet Co., Ltd W6100 Datasheet HTML 34Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
30/149
4.1.5 SYCR1 (System Config Register 1)
[R=W][0x2005] [0x80]
Interrupt enable and system operation clock (SYS_CLK) can be set by this register.
7
6
5
4
3
2
1
0
IEN
-
-
-
-
-
-
CLKSEL
R=W
R=W
Bit
Symbol
Description
7
IEN
Interrupt Enable
It makes Interrupt enable.
0 : Disable – INTn is always High.
1 : Enable – When the event occurs, INTn goes low.
[6:1]
-
Reserved
0
CLKSEL
System Operation Clock Select
In case of SYSR[CHPL] = ‘0’, Select SYS_CLK.
0 : 100MHz
1 : 25MHz
4.1.6 TCNTR (Tick Counter Register)
[RO][0x2016-0x2017][0x0000]
It is automatically increased every 100us.
4.1.7 TCNTRCLR (TCNTR Clear Register)
[WO][0x2020][0x00]
With Write operation to TCNTCLR, TCNTR counter value is initialized.
4.1.8 IR (Interrupt Register)
[RO] [0x2100] [0x00]
When an event such as WOL (Wake On LAN) or destination unreachable occurs, the
corresponding bit of IR is set to 1.
7
6
5
4
3
2
1
0
WOL
UNR6
IPCONF
UNR4
PTERM
RO
RO
RO
RO
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com