Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM90E32AS-AU-R Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 4Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 5Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 6Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 7Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 8Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 9Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 10Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 11Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
8
2
PIN DESCRIPTION
Table-1 Pin Description
Name
Pin No.
I/O
Type
Description
Reset
41
I
LVTTL
Reset: Reset Pin (active low)
This pin should connect to ground through a 0.1
μF filter capacitor and a
10k
Ω resistor to VDD. In application it can also directly connect to one out-
put pin from microcontroller (MCU).
AVDD
1
I
Power
AVDD: Analog Power Supply
This pin provides power supply to the analog part. This pin should connect
to DVDD and be decoupled with a 0.1
μF capacitor.
DVDD
48
I
Power
DVDD: Digital Power Supply
This pin provides power supply to the digital part. It should be decoupled
with a 10
μF capacitor and a 0.1μF capacitor.
VDD18
42, 43
P
Power
VDD18: Digital Power Supply (1.8 V)
These two pins should be connected together and connected to ground
through a 10
μF capacitor.
DGND
19, 44, 47
I
Power
DGND: Digital Ground
AGND
2, 12
I
Power
AGND: Analog Ground
I1P
I1N
3
4
I
Analog
I1P: Positive Input for Analog ADC Channel
I1N: Negative Input for Analog ADC Channel
These pins are differential inputs for analog ADC channel.
These 6 analog ADC channels can be flexibly mapped, refer to 3.4 Analog/
digital Channel Mapping.
1
I2P
I2N
5
6
I
Analog
I2P: Positive Input for Analog ADC Channel
I2N: Negative Input for Analog ADC Channel
These pins are differential inputs for analog ADC channel.
These 6 analog ADC channels can be flexibly mapped, refer to 3.4 Analog/
digital Channel Mapping.
1
I3P
I3N
7
8
I
Analog
I3P: Positive Input for Analog ADC Channel
I3N: Negative Input for Analog ADC Channel
These pins are differential inputs for analog ADC channel.
These 6 analog ADC channels can be flexibly mapped, refer to 3.4 Analog/
digital Channel Mapping.
1
Vref
11
O
Analog
Vref: Output Pin for Reference Voltage
This pin should be decoupled with a 4.7
μF capacitor, it is better to add a
0.1
μF ceramic capacitor.
V1P
V1N
13
14
I
Analog
V1P: Positive Input for Analog ADC Channel
V1N: Negative Input for Analog ADC Channel
These pins are differential inputs for analog ADC channel.
These 6 analog ADC channels can be flexibly mapped, refer to 3.4 Analog/
digital Channel Mapping.
1
V2P
V2N
15
16
I
Analog
V2P: Positive Input for Analog ADC Channel
V2N: Negative Input for Analog ADC Channel
These pins are differential inputs for analog ADC channel.
These 6 analog ADC channels can be flexibly mapped, refer to 3.4 Analog/
digital Channel Mapping.
1
V3P
V3N
17
18
I
Analog
V3P: Positive Input for Analog ADC Channel
V3N: Negative Input for Analog ADC Channel
These pins are differential inputs for analog ADC channel.
These 6 analog ADC channels can be flexibly mapped, refer to 3.4 Analog/
digital Channel Mapping.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com