Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM90E32AS-AU-R Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 18Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 19Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 20Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 21Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 22Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 23Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 24Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 25Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
22
3.8.2
IDLE MODE (I MODE)
In Idle mode, all functions are shut off.
The analog blocks' power supply is powered but circuits are set into power-down mode, i.e, power supply applied but all
current paths are shut off. There is very low current since only very low device leakage could exist in this mode.
The digital I/Os' supply is powered.
In I/O and analog interface, the input signals from digital core (which is not powered) will be set to known state as described
in Table-3. The PM1 and PM0 pins which are controlled by external MCU are active and can configure the M90E32AS to
other modes.
Figure-11 Block Diagram in Idle Mode
Please note that since the digital I/O is not shut off, the I/O circuit is active in the Idle mode. The application shall make sure
that valid logic levels are applied to the I/O.
Table-3 lists digital I/O and power pins’ states in Idle mode. It lists the requirements for inputs and the output level for out-
put.
Table-3 Digital I/O and Power Pin States in Idle Mode
Name
I/O type
Type
Pin State in Idle Mode
Reset
I
LVTTL
Input level shall be VDD33.
CS
ILVTTL
I/O set in input mode.
Input level shall be VDD33 or VSS.
SCLK
I
LVTTL
I/O set in input mode.
Input level shall be VDD33 or VSS.
SDO
O
LVTTL
I/O set in input mode.
Input level shall be VDD33 or VSS.
SDI
I
LVTTL
I/O set in input mode.
Input level shall be VDD33 or VSS.
PM1
PM0
ILVTTL
As defined in Table-2.
VDD18 Regulator
Temperature Sensor
Current Detector
ADC-V1
ADC-V2
ADC-V3
ADC-I1
ADC-I2
ADC-I3
SPI Interface
DSP
Energy Metering
(Forward/Reverse
Active/Reactive/CF Generator)
Measure and Monitoring
(V/I/rms / SAG / Phase /
Frequency)
Control Logic
Zero
Crossing
CF Out
Power On Reset
Crystal Oscillator
On-chip
Reference Voltage
Vref
I1P / I1N
V1P / V1N
CS
SCLK
SDO
SDI
OSCI
OSCO
RESET
CF1
ZX0
I2P / I2N
I3P / I3N
V2P / V2N
V3P / V3N
CF2
CF3
CF4
ZX1
ZX2
Power Mode
Configuration
PM1
PM0
IRQ
WarnOut
IRQ0
IRQ1
Warn
Out
Flexible Piece-wise Non-linear
Compensation
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com