Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM90E32AS-AU-R Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 36Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 37Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 38Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 39Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 40Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 41Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 42Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 43Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
40
5.2.2
IRQ AND WARNOUT SIGNAL GENERATION
The interrupt generation scheme is consistent for all the interrupt sources. For any interrupt source, there is an interrupt
status register and an interrupt enable register. Interrupt status register latches the interrupt event and is always available
for polling. If the interrupt enable register is set, that interrupt can go to IRQ pin to notify the processor.
The interrupt status register is write-1-to-clear. It captures the interrupt event which is usually an internal state change. The
(real time) internal state for that event is also available for read at any time.
The following diagram illustrates how the status bits, enable bits and IRQ/ WarnOut pins work together.
Figure-20 IRQ and WarnOut Generation
There are two interrupt output pins: IRQ0 and IRQ1.
The IRQ 0 is associated with interrupt sources defined in EMMState0 register.
The IRQ 1 is associated with interrupt sources defined in EMMState1 register.
If configured, IRQ 1 state can be ORed together with IRQ0 state and output to IRQ0, in that case MCU need only process
one IRQ pin. It is up to system designer to trade off between conveniences of locating interrupt source and saving GPIO
pins.
The Warn pin will be asserted when there is a configuration register CRC check error. The Warn signal can be merged to
IRQ0 if configured.
IRQ0/1
WarnOut
State Reg
Change
event gen
Int Status
Reg
AND
Int En Reg
State Reg
Change
event gen
Int Status
Reg
AND
Int En Reg
State Reg
Change
event gen
Int Status
Reg
AND
Int En Reg
Status Reg
Change
event gen
Int Status
Reg
AND
Int En Reg
State 1
State 2
State 3
Status 4
Internal Err
CfgCRC Err
AND
WarnIrqEn
Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com