| Electronic Components Datasheet Search |
|
ATM90E32AS-AU-R Datasheet(PDF) 24 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATM90E32AS-AU-R Datasheet(HTML) 24 Page - ATMEL Corporation |
|
24 / 84 page ![]() M90E32AS [Datasheet] Atmel-46003B-SE-M90E32AS-Datasheet_02122015 24 3.8.3 DETECTION MODE (D MODE) In Detection mode, the current detector is active. The current detector compares whether any phase current exceeds the configured threshold using low-power comparators. When the current of one phase or multiple phases exceeds the configured threshold, the M90E32AS asserts the IRQ0 pin to high and hold it until power mode change. The IRQ0 state is cleared when entering or exiting Detection mode. When the current of all three current channels exceed the configured threshold, the M90E32AS asserts the IRQ1 pin to high and hold it until power mode change. The IRQ1 state is cleared when entering or exiting Detection mode. The threshold registers need to be programmed in Normal mode before entering Detection mode. The digital I/O state is the same as that in Idle state (except for IRQ0/IRQ1 and PM1/PM0). The M90E32AS has two comparators for detecting each phase’s positive and negative current. Each comparator’s thresh- old can be set individually. The two comparators are both active by default, which called ‘double-side detection’. User also can enable one comparator only to save power consumption, which called ‘single-side detection’. Double-side detection has faster response and can detect ‘half-wave’ current. But it consumes nearly twice as much power as single-side detection. Comparators can be power-down by configuring the DetectCtrl register. The current detector can be enabled and calibrated in normal mode using control bits in the DetectCtrl register. Figure-12 Block Diagram in Detection Mode VDD18 Regulator Temperature Sensor Current Detector ADC-V1 ADC-V2 ADC-V3 ADC-I1 ADC-I2 ADC-I3 SPI Interface DSP Energy Metering (Forward/Reverse Active/Reactive/CF Generator) Measure and Monitoring (V/I/rms / SAG / Phase / Frequency) Control Logic Zero Crossing CF Out Power On Reset Crystal Oscillator On-chip Reference Voltage Vref I1P / I1N V1P / V1N CS SCLK SDO SDI OSCI OSCO RESET CF1 ZX0 I2P / I2N I3P / I3N V2P / V2N V3P / V3N CF2 CF3 CF4 ZX1 ZX2 Power Mode Configuration PM1 PM0 IRQ WarnOut IRQ0 IRQ1 Warn Out Flexible Piece-wise Non-linear Compensation Disabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |