Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM90E32AS-AU-R Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 6Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 7Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 8Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 9Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 10Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 11Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 12Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 13Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
M90E32AS [Datasheet]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
10
3
FUNCTION DESCRIPTION
3.1
POWER SUPPLY
The M90E32AS works with single power rail 3.3V. An on-chip voltage regulator regulates the 1.8V voltage for the digital
logic.
The regulated 1.8V power is connected to the VDD18 pin. It needs to be bypassed by an external capacitor.
The M90E32AS has four power modes: Normal (N mode), Partial Measurement (M mode), Detection (D mode) and Idle (I
mode). In Idle and Detection modes the 1.8V power regulator is not turned on and the digital logic is not powered. When
the logic is not powered, all the configured register values are not kept (all context lost) except for Detection mode related
registers (10H~13H) for Detection mode configuration.
The registers in Partial Measurement mode or Normal mode have to be re-configured when transiting from Idle or Detec-
tion mode. Refer to 3.8 Power Mode for power mode details.
3.2
CLOCK
The M90E32AS has an on-chip oscillator and can directly connect to an external crystal.
The OSCI pin can also be driven with a clock source.
The oscillator will be powered down in Idle and Detection power modes, as described in 3.8 Power Mode.
3.3
RESET
There are three reset sources for the M90E32AS:
-
RESET pin
-
On-chip Power On Reset circuit
-
Software Reset generated by the SoftReset register
3.3.1
RESET PIN
The RESET pin can be asserted to reset the M90E32AS. The RESET pin has RC filter with typical time constant of 2
μs in the
I/O, as well as a 2
μs (typical) de-glitch filter.
Any reset pulse that is shorter than 2
μs can not reset the M90E32AS.
3.3.2
POWER ON RESET (POR)
The POR circuit resets the M90E32AS at power up.
POR circuit triggers reset when:
-
DVDD power up with crossing the power-up threshold. Refer to Figure-24.
-
VDD18 regulator changing from disable to enable, i.e. from Idle or Detection mode to Partial Measurement mode or
Normal mode. Refer to Figure-23.
3.3.3
SOFTWARE RESET
Chip reset can be triggered by writing to the SoftReset register in Normal mode. The software reset is the same as the
reset scope generated from the RESET pin or POR.
These three reset sources have the same reset scope.
All digital logics and registers except for some special registers will be subjected to reset.
•
Interface logic: clock dividers
•
Digital core/ logic: All registers except for some special registers. Refer to 5.3.1 Detection Mode Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com