Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM90E32AS-AU-R Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATM90E32AS-AU-R
Description  Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATM90E32AS-AU-R Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATM90E32AS-AU-R Datasheet HTML 5Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 6Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 7Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 8Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 9Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 10Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 11Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 12Page - ATMEL Corporation ATM90E32AS-AU-R Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
9
M90E32AS [DATASHEET]
Atmel-46003B-SE-M90E32AS-Datasheet_02122015
OSCI
20
I
OSC
OSCI: External Crystal Input
OSCO: External Crystal Output
A 16.384 MHz crystal is connected between OSCI and OSCO. There are
two on-chip capacitors, therefore no need of external capacitors.
OSCO
21
O
OSC
ZX0
ZX1
ZX2
22
23
24
OLVTTL
ZX2/ZX1/ZX0:Zero-Crossing Output
These pins are asserted when voltage or current crosses zero. Zero-cross-
ing mode can be configured by the ZXConfig register (07H).
CF1
25
O
LVTTL
CF1: (all-phase-sum total) Active Energy Pulse Output
CF2
26
O
LVTTL
CF2: (all-phase-sum total) Reactive/ Apparent Energy Pulse Output
The output of this pin is determined by the CF2varh bit (b7, MMode0).
CF3
27
O
LVTTL
CF3: (all-phase-sum total) Active Fundamental Energy Pulse Output
CF4
28
O
LVTTL
CF4: (all-phase-sum total) Active Harmonic Energy Pulse Output
WarnOut
29
O
LVTTL
WarnOut: Fatal Error Warning
This pin is asserted high when there is metering related parameter check-
sum error. Otherwise this pin stays low. Refer to 5.2.2 IRQ and WarnOut
Signal Generation.
IRQ0
30
O
LVTTL
IRQ0: Interrupt Output 0
This pin is asserted when one or more events in the EMMIntState0 register
(1CCH) occur. It is deasserted when there is no bit set in the EMMIntState0
register (1CCH).
In Detection mode, the IRQ0 is used to indicate the output of current detec-
tor. The IRQ0 state is cleared when entering or exiting Detection mode.
IRQ1
31
O
LVTTL
IRQ1: Interrupt Output 1
This pin is asserted when one or more events in the EMMIntState1 register
(1D0H) occur. It is deasserted when there is no bit set in the EMMIntState1
register (1D0H).
In Detection mode, the IRQ1 is used to indicate the output of current detec-
tor. The IRQ1 state is cleared when entering or exiting Detection mode.
PM0
PM1
33
34
I
2
LVTTL
PM1/0: Power Mode Configuration
These two pins define the power mode of M90E32AS. Refer to Table-2.
CS
37
I
2
LVTTL
CS: Chip Select (Active Low)
In SPI mode, this pin must be driven from high to low for each read/ write
operation, and maintain low for the entire operation.
SCLK
38
I
2
LVTTL
SCLK: Serial Clock
This pin is used as the clock for the SPI interface. Refer to 4 SPI Interface.
SDO
39
O
LVTTL
SDO: Serial Data Output
This pin is used as the data output for the SPI mode. Refer to 4 SPI Inter-
face.
SDI
40
I
2
LVTTL
SDI: Serial Data Input
This pin is used as the data input for the SPI mode. Refer to 4 SPI Interface.
TEST
32
I
LVTTL
This pin should be always connected to DGND in system application.
IC
9, 10, 36
LVTTL
These pins should be always connected to DGND in system application.
NC
35, 45, 46
NC: These pins should be left open.
Note 1: The channel mapping is only valid in Normal mode and Patial Measurement mode.
Note 2: All the digital input pins except OSCI are 5 V compatible.
Table-1 Pin Description (Continued)
Name
Pin No.
I/O
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com