Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 27Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 28Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 29Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 30Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 31Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 32Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 33Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 34Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO102
0, 4, 8, 12
H3
–
–
I/O
General-purpose input/output 102
EM2A4
3
O
External memory interface 2 address line 4
EQEP2S
5
I/O
Enhanced QEP2 strobe
SPICLKC
6
I/O
SPI-C clock
GPIO103
0, 4, 8, 12
J1
–
–
I/O
General-purpose input/output 103
EM2A5
3
O
External memory interface 2 address line 5
EQEP2I
5
I/O
Enhanced QEP2 index
SPISTEC
6
I/O
SPI-C slave transmit enable
GPIO104
0, 4, 8, 12
J2
–
–
I/O
General-purpose input/output 104
SDAA
1
I/OD
I2C-A data open-drain bidirectional port
EM2A6
3
O
External memory interface 2 address line 6
EQEP3A
5
I
Enhanced QEP3 input A
SCITXDD
6
O
SCI-D transmit data
GPIO105
0, 4, 8, 12
J3
–
–
I/O
General-purpose input/output 105
SCLA
1
I/OD
I2C-A clock open-drain bidirectional port
EM2A7
3
O
External memory interface 2 address line 7
EQEP3B
5
I
Enhanced QEP3 input B
SCIRXDD
6
I
SCI-D receive data
GPIO106
0, 4, 8, 12
L2
–
–
I/O
General-purpose input/output 106
EM2A8
3
O
External memory interface 2 address line 8
EQEP3S
5
I/O
Enhanced QEP3 strobe
SCITXDC
6
O
SCI-C transmit data
GPIO107
0, 4, 8, 12
L3
–
–
I/O
General-purpose input/output 107
EM2A9
3
O
External memory interface 2 address line 9
EQEP3I
5
I/O
Enhanced QEP3 index
SCIRXDC
6
I
SCI-C receive data
GPIO108
0, 4, 8, 12
L4
–
–
I/O
General-purpose input/output 108
EM2A10
3
O
External memory interface 2 address line 10
GPIO109
0, 4, 8, 12
N2
–
–
I/O
General-purpose input/output 109
EM2A11
3
O
External memory interface 2 address line 11
GPIO110
0, 4, 8, 12
M2
–
–
I/O
General-purpose input/output 110
EM2WAIT
3
I
External memory interface 2 Asynchronous SRAM WAIT
GPIO111
0, 4, 8, 12
M4
–
–
I/O
General-purpose input/output 111
EM2BA0
3
O
External memory interface 2 bank address 0
GPIO112
0, 4, 8, 12
M3
–
–
I/O
General-purpose input/output 112
EM2BA1
3
O
External memory interface 2 bank address 1
GPIO113
0, 4, 8, 12
N4
–
–
I/O
General-purpose input/output 113
EM2CAS
3
O
External memory interface 2 column address strobe
GPIO114
0, 4, 8, 12
N3
–
–
I/O
General-purpose input/output 114
EM2RAS
3
O
External memory interface 2 row address strobe
GPIO115
0, 4, 8, 12
V12
–
–
I/O
General-purpose input/output 115
EM2CS0
3
O
External memory interface 2 chip select 0
GPIO116
0, 4, 8, 12
W10
–
–
I/O
General-purpose input/output 116
EM2CS2
3
O
External memory interface 2 chip select 2
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com