Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 100 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 96Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 97Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 98Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 99Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 100Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 101Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 102Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 103Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 226 page
background image
Figure 8-30 shows the ADC module block diagram.
Analog to Digital Wrapper Logic
Analog to Digital Core
Input Circuit
Reference Voltage Levels
SOC
Arbitration
& Control
SOCx (0-15)
ADCIN0
Converter
ADCIN1
ADCIN2
ADCIN3
ADCIN4
ADCIN5
ADCIN6
ADCIN7
Interrupt Block (1-4)
ADCIN8
ADCIN9
ADCIN10
ADCIN11
0
1
2
3
4
5
6
7
8
9
10
11
VREFLO
VREFHI
CHSEL
ADCSOC
[15:0]
ADCINT1-4
14
15
12
13
ADCIN12
ADCIN13
ADCIN14
ADCIN15
ACQPS
CHSEL
RESOLUTION
SIGNALMODE
Post Processing Block (1-4)
[15:0]
SIGNALMODE
RESOLUTION
RESULT
ADCPPBxRESULT
Event
Logic
ADCEVTINT
[15:0]
ADCEVT
TRIGGER[15:0]
Trigger
Timestamp
SOC Delay
Timestamp
ADCCOUNTER
ADCPPBxOFFCAL
ADCPPBxOFFREF
S
+
-
saturate
S
+
-
CONFIG
u
1
x
2
x
1
S/H Circuit
V
IN+
V
IN-
D
OUT
Figure 8-30. ADC Module Block Diagram
8.10.1.1 ADC Configurability
Some ADC configurations are individually controlled by the SOCs, while others are controlled by each ADC
module. Table 8-7 summarizes the basic ADC options and their level of configurability.
Table 8-7. ADC Options and Configuration Levels
OPTIONS
CONFIGURABILITY
Clock
By the module(1)
Resolution
By the module(1)
Signal mode
By the module
Reference voltage source
Not configurable (external reference only)
Trigger source
By the SOC(1)
Converted channel
By the SOC
Acquisition window duration
By the SOC(1)
EOC location
By the module
Burst mode
By the module(1)
(1)
Writing these values differently to different ADC modules could cause the ADCs to operate
asynchronously. For guidance on when the ADCs are operating synchronously or asynchronously,
see the Ensuring Synchronous Operation section of the Analog-to-Digital Converter (ADC) chapter
in the TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual .
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
100
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com