Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 30Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 31Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 32Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 33Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 34Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 35Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 36Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 37Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO155
0, 4, 8, 12
C12
–
–
I/O
General-purpose input/output 155
EPWM6A
1
O
Enhanced PWM6 output A (HRPWM-capable)
GPIO156
0, 4, 8, 12
D12
–
–
I/O
General-purpose input/output 156
EPWM6B
1
O
Enhanced PWM6 output B (HRPWM-capable)
GPIO157
0, 4, 8, 12
B10
–
–
I/O
General-purpose input/output 157
EPWM7A
1
O
Enhanced PWM7 output A (HRPWM-capable)
GPIO158
0, 4, 8, 12
C10
–
–
I/O
General-purpose input/output 158
EPWM7B
1
O
Enhanced PWM7 output B (HRPWM-capable)
GPIO159
0, 4, 8, 12
D10
–
–
I/O
General-purpose input/output 159
EPWM8A
1
O
Enhanced PWM8 output A (HRPWM-capable)
GPIO160
0, 4, 8, 12
B9
–
–
I/O
General-purpose input/output 160
EPWM8B
1
O
Enhanced PWM8 output B (HRPWM-capable)
GPIO161
0, 4, 8, 12
C9
–
–
I/O
General-purpose input/output 161
EPWM9A
1
O
Enhanced PWM9 output A
GPIO162
0, 4, 8, 12
D9
–
–
I/O
General-purpose input/output 162
EPWM9B
1
O
Enhanced PWM9 output B
GPIO163
0, 4, 8, 12
A8
–
–
I/O
General-purpose input/output 163
EPWM10A
1
O
Enhanced PWM10 output A
GPIO164
0, 4, 8, 12
B8
–
–
I/O
General-purpose input/output 164
EPWM10B
1
O
Enhanced PWM10 output B
GPIO165
0, 4, 8, 12
C5
–
–
I/O
General-purpose input/output 165
EPWM11A
1
O
Enhanced PWM11 output A
GPIO166
0, 4, 8, 12
D5
–
–
I/O
General-purpose input/output 166
EPWM11B
1
O
Enhanced PWM11 output B
GPIO167
0, 4, 8, 12
C4
–
–
I/O
General-purpose input/output 167
EPWM12A
1
O
Enhanced PWM12 output A
GPIO168
0, 4, 8, 12
D4
–
–
I/O
General-purpose input/output 168
EPWM12B
1
O
Enhanced PWM12 output B
RESET
XRS
F19
124
69
I/OD
Device Reset (in) and Watchdog Reset (out). The devices
have a built-in power-on reset (POR) circuit. During a
power-on condition, this pin is driven low by the device.
An external circuit may also drive this pin to assert a
device reset. This pin is also driven low by the MCU when
a watchdog reset or NMI watchdog reset occurs. During
watchdog reset, the XRS pin is driven low for the
watchdog reset duration of 512 OSCCLK cycles. A
resistor with a value from 2.2 kΩ to 10 kΩ should be
placed between XRS and VDDIO. If a capacitor is placed
between XRS and VSS for noise filtering, it should be
100 nF or smaller. These values will allow the watchdog
to properly drive the XRS pin to VOL within 512 OSCCLK
cycles when the watchdog reset is asserted. The output
buffer of this pin is an open drain with an internal pullup. If
this pin is driven by an external device, it should be done
using an open-drain device.
CLOCKS
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com