Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 41 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 37Page - Analog Devices LTM4686 Datasheet HTML 38Page - Analog Devices LTM4686 Datasheet HTML 39Page - Analog Devices LTM4686 Datasheet HTML 40Page - Analog Devices LTM4686 Datasheet HTML 41Page - Analog Devices LTM4686 Datasheet HTML 42Page - Analog Devices LTM4686 Datasheet HTML 43Page - Analog Devices LTM4686 Datasheet HTML 44Page - Analog Devices LTM4686 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 132 page
background image
LTM4681
41
Rev. 0
For more information www.analog.com
OPERATION
Mapping Faults to FAULTn Pins
Channel-to-channel fault (including channels from mul-
tiple LTM4681s) dependencies can be created by con-
necting FAULTn pins together. In the event of an internal
fault, one or more of the channels is configured to pull
the bussed FAULTn pins low. The other channels are then
configured to shut down when the FAULTn pins are pulled
low. For autonomous group retry, the faulted channel is
configured to let go of the FAULTn pin(s) after a retry
interval, assuming the original fault has cleared. All the
channels in the group then begin a soft-start sequence. If
the fault response is LATCH_OFF, the FAULTn pin remains
asserted low until either the RUNn pin is toggled OFF/ON
or the part is commanded OFF/ON. The toggling of the
RUNn either by the pin or OFF/ON command will clear
faults associated with the channel. If it is desired to have
all faults cleared when either RUNn pin is toggled or, set
bit 0 of MFR_CONFIG_ALL to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
Additional fault detection and handling capabilities are:
Power Good Pins
The PGOODn pins of the LTM4681 are connected to the
open drains of internal MOSFETs. The MOSFETs turn on
and pull the PGOODn pins low when the channel output
voltage is not within the channel’s UV and OV voltage
thresholds. During TON_DELAY and TON_RISE sequenc-
ing, the PGOODn pin is held low. The PGOODn pin is
also pulled low when the respective RUNn pin is low. The
PGOODn pin response is deglitched by an internal 100µs
digital filter. The PGOODn pin and PGOOD status may be
different at times due to communication latency of up to
10µs.
CRC Protection
The integrity of the NVM memory is checked after a power
on reset. A CRC error will prevent the controller from leav-
ing the inactive state. If a CRC error occurs, the CML bit is
set in the STATUS_BYTE and STATUS_WORD commands,
the appropriate bit is set in the STATUS_MFR_SPECIFIC
command, and the ALERT_nn pin will be pulled low. NVM
repair can be attempted by writing the desired configura-
tion to the controller and executing a STORE_USER_ALL
command followed by a CLEAR_FAULTS command.
The LTM4681 manufacturing section of the NVM is mir-
rored. If both copies are corrupted, the “NVM CRC Fault”
in the STATUS_MFR_SPECIFIC command is set. If this
bit remains set after being cleared by issuing a CLEAR_
FAULTS or writing a 1 to this bit, an irrecoverable internal
fault has occurred. The user is cautioned to disable both
output power supply rails associated with this specific
part. There are no provisions for field repair of NVM faults
in the manufacturing section.
SERIAL INTERFACE
The LTM4681 serial interface is a PMBus compliant slave
device and can operate at any frequency between 10kHz
and 400kHz. The address is configurable using either the
NVM or an external resistor. In addition the LTM4681
always responds to the global broadcast address of 0x5A
(7-bit) or 0x5B (7-bit).
The serial interface supports the following protocols
defined in the PMBus specifications: 1) send command,
2) write byte, 3) write word, 4) group, 5) read byte, 6) read
word and 7) read block. 8) write block. All read operations
will return a valid PEC if the PMBus master requests it. If
the PEC_REQUIRED bit is set in the MFR_CONFIG_ALL
command, the PMBus write operations will not be acted
upon until a valid PEC has been received by the LTM4681.
Communication Protection
PEC write errors (if PEC_REQUIRED is active), attempts
to access unsupported commands, or writing invalid data
to supported commands will result in a CML fault. The
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_CML
command, and the ALERT pin is pulled low.
DEVICE ADDRESSING
The LTM4681 offers five different types of addressing
over the PMBus interface, specifically: 1) global, 2) device,
3) rail addressing and 4) alert response address (ARA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com