Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 91 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 91 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 87Page - Analog Devices LTM4686 Datasheet HTML 88Page - Analog Devices LTM4686 Datasheet HTML 89Page - Analog Devices LTM4686 Datasheet HTML 90Page - Analog Devices LTM4686 Datasheet HTML 91Page - Analog Devices LTM4686 Datasheet HTML 92Page - Analog Devices LTM4686 Datasheet HTML 93Page - Analog Devices LTM4686 Datasheet HTML 94Page - Analog Devices LTM4686 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 132 page
background image
LTM4681
91
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
10000b
6
10001b
7
10010b
8
10011b
9
10100b
11
10101b
13
10110b
15
10111b
17
11000b
20
11001b
24
11010b
28
11011b
32
11100b
38
11101b
46
11110b
54
11111b
62
This command has one data byte.
MFR_PWM_CONFIG
The MFR_PWM_CONFIG command sets the switching frequency phase offset with respect to the falling edge of the
SYNC signal. The part must be in the OFF state to process this command. Either the RUN pins must be low or the
channels must be commanded off. If either channel is in the RUN state and this command is written, the command
will be NACK’d and a BUSY fault will be asserted.
BIT
MEANING
7
Reserved
[6:5]
00b
01b
10b
11b
Input current sense gain.
2x gain. 0mV to 50mV range.
4x gain. 0mV to 25mV range.
8x gain. 0mV to 12.5mV range.
Reserved
4
Share Clock Enable : If this bit is 1, the
SHARE_CLK pin will not be released until
VIN > VIN_ON. The SHARE_CLK pin will be
pulled low when VIN < VIN_OFF. If this bit is 0, the SHARE_
CLK pin will not be pulled low when VIN < VIN_OFF except
for the initial application of VIN.
3
Reserved
BIT [2:0]
CHANNEL 0 (DEGREES)
CHANNEL 1 (DEGREES)
000b
0
180
001b
90
270
010b
0
240
011b
0
120
100b
120
240
101b
60
240
110b
120
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com