Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 22Page - Analog Devices LTM4686 Datasheet HTML 23Page - Analog Devices LTM4686 Datasheet HTML 24Page - Analog Devices LTM4686 Datasheet HTML 25Page - Analog Devices LTM4686 Datasheet HTML 26Page - Analog Devices LTM4686 Datasheet HTML 27Page - Analog Devices LTM4686 Datasheet HTML 28Page - Analog Devices LTM4686 Datasheet HTML 29Page - Analog Devices LTM4686 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 132 page
background image
LTM4681
26
Rev. 0
For more information www.analog.com
POWER GOOD
FAULT INTERRUPTS
ON_OFF_CONFIG
10k
VIN
VIN
VDD33_01
1m
1
1µF
150µF
10k
10k
2.43k
2200pF
2200pF
100pF
100pF
2200pF
100pF
2200pF
100pF
14.3k
VIN, 5.75V TO 16V
1m
1
1µF
10k
4.99k
10k
10k
10k
4.7µF
4.7µF
22µF
100µF
×5
22µF
×6
+
LOAD
1V AT 31.25A
ADJUSTABLE TO 3.3V
100µF
×5
LOAD
1V AT 31.25A
ADJUSTABLE TO 3.3V
100µF
×5
LOAD
1V AT 31.25A
ADJUSTABLE TO 3.3V
100µF
×5
LOAD
1V AT 31.25A
ADJUSTABLE TO 3.3V
2.43k
14.3k
2.43k
14.3k
2.43k
14.3k
1.65k
14.3k
22.6k
14.3k
32.4k
22.6k
PGOOD3
PGOOD2
PGOOD1
PGOOD0
FAULT3
FAULT2
FAULT1
FAULT0
RUN3
RUN2
RUN1
RUN0
RUNP
VIN_VBIAS
SVIN_23
VIN23
IN_23–
IN_23+
SVIN_01
VIN01
IN_01–
IN_01+
VOSNS3–
VOSNS3+
VOUT3
SW3
SGND_01
SGND_23
GND
VOSNS2–
VOSNS2+
VOUT2
SW2
VOSNS1–
VOSNS1+
VOUT1
SW1
VOSNS0–
VOSNS0+
VOUT0
SW0
LTM4681
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER BOARD
MANAGEMENT CONTROLLER
CONFIG RESISTORS ARE
TO BE 1%, 50PPM
SLAVE ADDRESS:100_1110_R/W
FOR 2,3 DEVICE
MFR_CONFIG_ALL bit[4] =1
FOR 0,1 DEVICE
SLAVE ADDRESS:100_1111_R/W
4681TC01
VDD33_01
TEST CIRCUITS
Test Circuit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com