Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 90 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 90 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 86Page - Analog Devices LTM4686 Datasheet HTML 87Page - Analog Devices LTM4686 Datasheet HTML 88Page - Analog Devices LTM4686 Datasheet HTML 89Page - Analog Devices LTM4686 Datasheet HTML 90Page - Analog Devices LTM4686 Datasheet HTML 91Page - Analog Devices LTM4686 Datasheet HTML 92Page - Analog Devices LTM4686 Datasheet HTML 93Page - Analog Devices LTM4686 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 132 page
background image
LTM4681
90
Rev. 0
For more information www.analog.com
For both equations,
G = MFR_TEMP_1_GAIN • 2–14, and
O = MFR_TEMP_1_OFFSET
Bit[1] of this command determines if the part is in high range or low voltage range. Changing this bit value changes
the PWM loop gain and compensation. This bit value should not be changed when the channel output is active. Writing
this bit when the channel is active will generate a CML fault.
Bit[0] determines if the PWM mode of operation is discontinuous (pulse-skipping mode), or forced continuous con-
duction mode. Whenever the channel is ramping on, the PWM mode will be discontinuous, regardless of the value of
this bit. This command has one data byte.
MFR_PWM_COMP
The MFR_PWM_COMP command sets the gm of the PWM channel error amplifiers and the value of the internal RITHn
compensation resistors. This command affects the loop gain of the PWM output which may require modifications to
the external compensation network.
BIT
MEANING
BIT [7:5]
Error Amplifier GM Adjust (mS)
000b
1.00
001b
1.68
010b
2.35
011b
3.02
100b
3.69
101b
4.36
110b
5.04
111b
5.76
BIT [4:0]
RITH (kΩ)
00000b
0
00001b
0.25
00010b
0.5
00011b
0.75
00100b
1
00101b
1.25
00110b
1.5
00111b
1.75
01000b
2
01001b
2.5
01010b
3
01011b
3.5
01100b
4
01101b
4.5
01110b
5
01111b
5.5
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com