Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 71 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 71 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 67Page - Analog Devices LTM4686 Datasheet HTML 68Page - Analog Devices LTM4686 Datasheet HTML 69Page - Analog Devices LTM4686 Datasheet HTML 70Page - Analog Devices LTM4686 Datasheet HTML 71Page - Analog Devices LTM4686 Datasheet HTML 72Page - Analog Devices LTM4686 Datasheet HTML 73Page - Analog Devices LTM4686 Datasheet HTML 74Page - Analog Devices LTM4686 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
LTM4681
71
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
If the 60°C ambient temperature is subtracted from the
125°C junction temperature, then the difference of 65°C
divided by 12.8W yields a thermal resistance, θJA, of
5°C/W—in good agreement with the value derived from
thermal simulation shown in the Pin Configuration sec-
tion. Table 10, Table 11 and Table 12 provide equivalent
thermal resistances for 0.9V, 1.5V, and 3.3V outputs with
and without airflow. The derived thermal resistances in
Table 10 through Table 12 for the various conditions can
be multiplied by the calculated power loss as a function
of ambient temperature to derive temperature rise above
ambient, thus maximum junction temperature. Room
temperature power loss can be derived from the efficiency
curves in the Typical Performance Characteristics sec-
tion and adjusted with the above ambient temperature
multiplicative factors.
Table 10 through Table 12: Output Current Derating
Table 10. 0.9V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
0
None
5
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
400
None
3
Table 11. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
0
None
5
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
400
None
3
Table 12. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
0
None
5
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
400
None
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com