Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 83 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 83 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 79Page - Analog Devices LTM4686 Datasheet HTML 80Page - Analog Devices LTM4686 Datasheet HTML 81Page - Analog Devices LTM4686 Datasheet HTML 82Page - Analog Devices LTM4686 Datasheet HTML 83Page - Analog Devices LTM4686 Datasheet HTML 84Page - Analog Devices LTM4686 Datasheet HTML 85Page - Analog Devices LTM4686 Datasheet HTML 86Page - Analog Devices LTM4686 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 132 page
background image
LTM4681
83
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 52. 6-Phase Operation Producing 0.9V at 187A, 2 Phase for 1V at 30A, and 1.2V at 30A. Power System Management
Features Accessible Through LTM4681 Over 2-Wire I2C/SMBus/PMBus Serial Interface
PGOOD_1.2V
PGOOD_1V
PGOOD_0.9V
FAULT INTERRUPTS
ON_OFF_CONFIG
1m
1
1µF
150µF
×2
10k
10k
1.65k
14.3k
VIN, 6V TO 16V
1m
1
1µF
ALERT
4.7µF
4.7µF
22µF
22µF
×6
2200pF
2200pF
100pF
100pF
+
470µF
×2
100µF
×3
2.43k
14.3k
1.65k
14.3k
14.3k
18k
15.4k
4681 F52
SHARE_CLK SYNC
SDA
SCL
PGOOD3
PGOOD2
PGOOD1
PGOOD0
COMPa
COMPb
FAULT3
FAULT2
FAULT1
FAULT0
RUN3
RUN2
RUN1
RUN0
RUNP
VIN_VBIAS
SVIN_23
VIN23
IN_23–
IN_23+
SVIN_01
VIN01
IN_01–
IN_01+
SGND_01
SGND_23
GND
VOSNS0–
VOSNS0+
VOSNS–
VOSNS+
VOUT1
VOSNS–
VOSNS+
SW1
VOUT0
SW0
32.4k
32.4k
14.3k
LTM4681
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER BOARD
MANAGEMENT CONTROLLER
CONFIG RESISTORS ARE
TO BE 1%, 50PPM
SLAVE ADDRESS:100_1100_R/W FOR 2,3 DEVICE
MFR_CONFIG_ALL bit[4] =1
SLAVE ADDRESS:100_1101_R/W FOR 0,1 DEVICE
+
100µF
×3
VOSNS1–
VOSNS1+
VOSNS–
VOSNS+
SW2
VDD33A_01
PGOOD_0.9V
FAULT INTERRUPTS
ON_OFF_CONFIG
4.99k
VDD33A_01
VDD33B_01
1m
1
1µF
150µF
×2
4.99k
4.99k
1.65k
4700pF
100pF
14.3k
VIN, 6V TO 16V
1m
1
1µF
4.99k
ALERT
4.99k
4.99k
4.99k
4.99k
4.7µF
4.7µF
22µF
22µF
×6
+
470µF
×2
100µF
×3
1.65k
14.3k
1.65k
14.3k
32.4k
22.6k
SHARE_CLK
SYNC
SDA
SCL
PGOOD3
PGOOD2
PGOOD1
PGOOD0
COMPa
COMPb
FAULT3
FAULT2
FAULT1
FAULT0
RUN3
RUN2
RUN1
RUN0
RUNP
VIN_VBIAS
SVIN_23
VIN23
IN_23–
IN_23+
SVIN_01
VIN01
IN_01–
IN_01+
SGND_01
SGND_23
GND
VOSNS0–
VOSNS0+
VOSNS–
VOSNS+
VOUT1
SW1
VOUT0
SW0
32.4k
14.3k
LTM4681
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER BOARD
MANAGEMENT CONTROLLER
CONFIG RESISTORS ARE
TO BE 1%, 50PPM
SLAVE ADDRESS:100_1110_R/W FOR 2,3 DEVICE
MFR_CONFIG_ALL bit[4] =1
SLAVE ADDRESS:100_1111_R/W FOR 0,1 DEVICE
+
100µF
×3
VOSNS1–
VOSNS1+
VOSNS–
VOSNS+
SW2
470µF
×2
100µF
×3
VOSNS2–
VOSNS2+
VOSNS–
VOSNS+
SW3
VOUT2
+
100µF
×3
VOSNS3–
VOSNS3+
VOSNS–
VOSNS+
VOUT3
0.9V AT 187A
LOAD
470µF
×2
1.2V AT 30A
470µF
×2
1V AT 30A
100µF
×4
VOSNS3–
VOSNS3+
VOUT3
SW3
VOSNS2–
VOSNS2+
VOSNS1V2–
VOSNS1V2+
VOSNS1V–
VOSNS1V+
VOUT2
100µF
×4
+
+
SGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com