Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 65 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 65 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 61Page - Analog Devices LTM4686 Datasheet HTML 62Page - Analog Devices LTM4686 Datasheet HTML 63Page - Analog Devices LTM4686 Datasheet HTML 64Page - Analog Devices LTM4686 Datasheet HTML 65Page - Analog Devices LTM4686 Datasheet HTML 66Page - Analog Devices LTM4686 Datasheet HTML 67Page - Analog Devices LTM4686 Datasheet HTML 68Page - Analog Devices LTM4686 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
LTM4681
65
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
it is driven quickly. If the ratio of CLOAD to COUT is greater
than 1:50, the switch rise time should be controlled so that
the load rise time is limited to approximately 25 • CLOAD.
Thus a 10µF capacitor would require a 250µs rise time,
limiting the charging current to about 200mA.
PolyPhase Configuration
When configuring a PolyPhase rail with multiple LTM4681s,
the user must share the SYNC, COMP, SHARE_CLK, FAULT,
and ALERT pins of these parts. Be sure to use pull-up resis-
tors on FAULT, SHARE_CLK and ALERT. One of the part’s
SYNC pins must be set to the desired switching frequency,
and all other FREQUENCY_SWITCH commands must be set
to External Clock. If an external oscillator is provided, set
the FREQUENCY_SWITCH command to External Clock for
all parts. The relative phasing of all the channels should be
spaced equally. The MFR_RAIL_ADDRESS of all the devices
should be set to the same value.
Multiple channels need to tie all the VSENSEn+ pins
together, and all the VSENSEn– pins together, COMPna and
COMPnb pins together as well. Do not assert bit[4] of
MFR_CONFIG_ALL except in a PolyPhase application. See
application example Figure 50.
CONNECTING THE USB TO I2C/SMBUS/PMBUS
CONTROLLER TO THE LTM4681 IN SYSTEM
The ADI USB-to-I2C/SMBus/PMBus adapter (DC1613A
or equivalent) can be interfaced to the LTM4681 on
the user’s board for programming, telemetry and sys-
tem debug. The adapter, when used in conjunction with
LTpowerPlay, provides a powerful way to debug an entire
power system. Faults are quickly diagnosed using telem-
etry, fault status commands and the fault log. The final
configuration can be quickly developed and stored to the
LTM4681 EEPROM. Figure 30 illustrates the application
schematic for powering, programming and communica-
tion with one or more LTM4681s via the ADI I2C/SMBus/
PMBus adapter regardless of whether or not system
power is present. If system power is not present, the
dongle will power the LTM4681 through the VDD33_nn
supply pin. To initialize the part when VINnn is not applied
and the VDD33_nn pin is powered, use global address 0x5B
command 0xBD data 0x2B followed by address 0x5B
command 0xBD data 0xC4. The LTM4681 can now com-
municate with the internal EEPROM and read the project
file. To write the updated project file to the NVM issue
a STORE_USER_ALL command. When VIN is applied, a
MFR_RESET must be issued to allow the PWM POWER
to be enabled and valid ADCs to be read.
VINnn
VIN
VDD33_nn
VDD25_nn
SDA_nn
1µF
1µF
VGS MAX ON THE TP0101K IS 8V IF VIN > 16V
CHANGE THE RESISTOR DIVIDER ON THE PFET GATE
LTM4681 HAS TWO INTERNAL CONTROLLERS
4681 F30
10k
100k
TP0101K
ISOLATED
3.3V
SDA
SCL
TP0101K
100k
LTC
CONTROLLER
HEADER
TO LTC DC1613
USB TO I2C/SMBus/PMBus
CONTROLLER
SCL_nn
WP_nn PGND/SGND_nn
LTM4681
1/2
VINnn
VDD33_nn
SDA_nn
SCL_nn
WP_nn PGND/SGND_nn
LTM4681
1/2
10k
VDD25
Figure 30. Controller Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com