Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 60 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 60 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 56Page - Analog Devices LTM4686 Datasheet HTML 57Page - Analog Devices LTM4686 Datasheet HTML 58Page - Analog Devices LTM4686 Datasheet HTML 59Page - Analog Devices LTM4686 Datasheet HTML 60Page - Analog Devices LTM4686 Datasheet HTML 61Page - Analog Devices LTM4686 Datasheet HTML 62Page - Analog Devices LTM4686 Datasheet HTML 63Page - Analog Devices LTM4686 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
LTM4681
60
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
This same point in time is when the output changes from
discontinuous to the programmed mode as indicated in
MFR_PWM_MODE bit 0. Refer to Figure 25 for details on
the VOUT waveform under time-based sequencing. If the
TON_MAX_FAULT_LIMIT is set to a value greater than 0
and the TON_MAX_FAULT_RESPONSE is set to ignore
0x00, the servo begins:
1. After the TON_RISE sequence is complete
2. After the TON_MAX_FAULT_LIMIT time is reached;
and
3. After the VOUT_UV_FAULT_LIMIT has been exceed
or the IOUT_OC_FAULT_LIMIT is no longer active.
If the TON_MAX_FAULT_LIMIT is set to a value greater
than 0 and the TON_MAX_FAULT_RESPONSE is not set
to ignore 0x00, the servo begins:
1. After the TON_RISE sequence is complete
2. After the TON_MAX_FAULT_LIMIT time has expired
and both VOUT_UV_FAULT and IOUT_OC_FAULT are
not present.
The maximum rise time is limited to 1.3 seconds.
In a PolyPhase configuration it is recommended only one
of the control loops have the digital servo mode enabled.
This will assure the various loops do not work against each
other due to slight differences in the reference circuits.
SOFT OFF (SEQUENCED OFF)
In addition to a controlled start-up, the LTM4681 also
supports controlled turn-off. The TOFF_DELAY and TOFF_
FALL functions are shown in Figure 26. TOFF_FALL is
processed when the RUNn pin goes low or if the part is
commanded off. If the part faults off or FAULTn is pulled
low externally and the part is programmed to respond
to this, the output will three-state rather than exhibiting
a controlled ramp. The output will decay as a function
of the load. The output voltage will operate as shown
in Figure 26 as long as the part is in forced continu-
ous mode and the TOFF_FALL time is sufficiently slow
that the power stage can achieve the desired slope. The
TOFF_FALL time can only be met if the power stage and
controller can sink sufficient current to assure the output
is at zero volts by the end of the fall time interval. If the
TOFF_FALL time is set shorter than the time required to
discharge the load capacitance, the output will not reach
the desired zero volt state. At the end of TOFF_FALL, the
controller will cease to sink current and VOUT will decay
at the natural rate determined by the load impedance. If
the controller is in discontinuous mode, the controller will
not pull negative current and the output will be pulled low
by the load, not the power stage. The maximum fall time
is limited to 1.3 seconds. The shorter TOFF_FALL time is
set, the larger the discrete steps in the TOFF_FALL ramp
will appear. The number of steps in the ramp is equal to
TOFF_FALL/0.1ms.
DAC VOLTAGE
ERROR (NOT
TO SCALE)
TIME DELAY OF
200-400ms
DIGITAL SERVO
MODE ENABLED FINAL OUTPUT
VOLTAGE REACHED
TON_MAX_FAULT_LIMIT
TON_RISE
TIME
4681 F25
TON_DELAY
VOUT
Figure 25. Timing Controlled VOUT Rise
TOFF_FALL
TOFF_DELAY
TIME
4681 F26
VOUT
Figure 26. TOFF_DELAY and TOFF_FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com