Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 38Page - Analog Devices LTM4686 Datasheet HTML 39Page - Analog Devices LTM4686 Datasheet HTML 40Page - Analog Devices LTM4686 Datasheet HTML 41Page - Analog Devices LTM4686 Datasheet HTML 42Page - Analog Devices LTM4686 Datasheet HTML 43Page - Analog Devices LTM4686 Datasheet HTML 44Page - Analog Devices LTM4686 Datasheet HTML 45Page - Analog Devices LTM4686 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
LTM4681
42
Rev. 0
For more information www.analog.com
OPERATION
Global addressing provides a means of the PMBus master
to address all LTM4681 devices on the bus. The LTM4681
global address is fixed 0x5A (7-bit) or 0xB4 (8-bit) and
cannot be disabled. Commands sent to the global address
act the same as if PAGE is set to a value of 0xFF. Commands
sent are written to both channels simultaneously. Global
command 0x5B (7-bit) or 0xB6 (8-bit) is paged and allows
channel specific command of all LTM4681 devices on the
bus. Other ADI device types may respond at one or both
of these global addresses. Reading from global addresses
is strongly discouraged.
Device addressing provides the standard means of the
PMBus master communicating with a single instance of
an LTM4681. The value of the device address is set by
a combination of the ASEL_nn configuration pin and the
MFR_ ADDRESS command. When this addressing means
is used, the PAGE command determines the channel being
acted upon. Device addressing can be disabled by writing
a value of 0x80 to the MFR_ADDRESS.
Rail addressing provides a means for the bus master to
simultaneously communicate with all channels connected
together to produce a single output voltage (PolyPhase).
While similar to global addressing, the rail address can
be dynamically assigned with the paged MFR_RAIL_
ADDRESS command, allowing for any logical grouping
of channels that might be required for reliable system
control. Reading from rail addresses is also strongly
discouraged.
All four means of PMBus addressing require the user to
employ disciplined planning to avoid addressing conflicts.
Communication to LTM4681 devices at global and rail
addresses should be limited to command write operations.
RESPONSES TO VOUT AND IIN/IOUT FAULTS
VOUT OV and UV conditions are monitored by compara-
tors. The OV and UV limits are set in three ways:
n
As a Percentage of the VOUT if Using the Resistor
Configuration Pins
n
In NVM if Either Programmed at the Factory or
Through the GUI
n
By PMBus Command
The IIN and IOUT overcurrent monitors are performed by
ADC readings and calculations. Thus these values are
based on average currents and can have a time latency
of up to tCONVERT. The IOUT calculation accounts for the
DCR and their temperature coefficient. The input current
is equal to the voltage measured across the RSENSEn resis-
tor divided by the resistors value as set with the MFR_
IIN_CAL_GAIN command. If this calculated input current
exceeds the IN_OC_WARN_LIMIT the ALERT_nn pin is
pulled low and the IIN_OC_WARN bit is asserted in the
STATUS_INPUT command.
The digital processor within the LTM4681 provides the
ability to ignore the fault, shut down and latch off or shut
down and retry indefinitely (hiccup). The retry interval
is set in MFR_RETRY_ DELAY and can be from 120ms
to 83.88 seconds in 1ms increments. The shutdown for
OV/UV and OC can be done immediately or after a user
selectable deglitch time.
Output Overvoltage Fault Response
A programmable overvoltage comparator (OV) guards
against transient overshoots as well as long-term over-
voltages at the output. In such cases, the top MOSFET
is turned off and the bottom MOSFET is turned on.
However, the reverse output current is monitored while
device is in OV fault. When it reaches the limit, both top
and bottom MOSFETs are turned off. The top and bot-
tom MOSFETs will keep their state until the overvoltage
condition is cleared regardless of the PMBus VOUT_OV_
FAULT_RESPONSE command byte value. This hardware
level fault response delay is typically 2µs from the over-
voltage condition to BG asserted high. Using the VOUT_
OV_FAULT_RESPONSE command, the user can select
any of the following behaviors:
n
OV Pull-Down Only (OV Cannot Be Ignored)
n
Shut Down (Stop Switching) Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY
Either the Latch Off or Retry fault responses can be de-
glitched in increments of (0-7) • 10µs. See Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com