Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 49 Page - Analog Devices

Part # LTM4686
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 45Page - Analog Devices LTM4686 Datasheet HTML 46Page - Analog Devices LTM4686 Datasheet HTML 47Page - Analog Devices LTM4686 Datasheet HTML 48Page - Analog Devices LTM4686 Datasheet HTML 49Page - Analog Devices LTM4686 Datasheet HTML 50Page - Analog Devices LTM4686 Datasheet HTML 51Page - Analog Devices LTM4686 Datasheet HTML 52Page - Analog Devices LTM4686 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
LTM4681
49
Rev. 0
For more information www.analog.com
OPERATION
Figure 21. Block Write – Block Read Process Call
SLAVE ADDRESS
COMMAND CODE
BYTE COUNT = M
Wr A
A
S
7
8
8
1
DATA BYTE 1
8
1
1 1
1
1
A
A
…
…
A
DATA BYTE 2
8
1
A
DATA BYTE M
8
1
SLAVE ADDRESS
BYTE COUNT = N
Rd A
A
Sr
7
8
DATA BYTE 1
8
1
1
1 1
1
1
A
…
P
4681 F21
1
…
…
…
A
DATA BYTE 2
8
1
A
DATA BYTE N
8
1
SLAVE ADDRESS
COMMAND CODE
BYTE COUNT = M
Wr A
A
S
7
8
8
1
DATA BYTE 1
8
1
1 1
1
1
A
A
…
…
A
DATA BYTE 2
8
1
A
DATA BYTE M
8
1
SLAVE ADDRESS
BYTE COUNT = N
Rd A
A
Sr
7
8
DATA BYTE 1
8
1
1
1 1
1
1
A
…
…
…
…
A
DATA BYTE 2
8
1
A
DATA BYTE N
8
1
P
4681 F22
1
A
PEC
8
1
ALERT RESPONSE
ADDRESS
Rd A
A P
4681 F23
S
7
8
1 1
1 1
1
DEVICE ADDRESS
ALERT RESPONSE
ADDRESS
Rd A
A
S
7
8
1 1
1
1
DEVICE ADDRESS
A P
4681 F24
8
1 1
PEC
Figure 22. Block Write – Block Read Process Call with PEC
Figure 23. Alert Response Address Protocol
Figure 24. Alert Response Address Protocol with PEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com