Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 24Page - Microchip Technology EMC1702 Datasheet HTML 25Page - Microchip Technology EMC1702 Datasheet HTML 26Page - Microchip Technology EMC1702 Datasheet HTML 27Page - Microchip Technology EMC1702 Datasheet HTML 28Page - Microchip Technology EMC1702 Datasheet HTML 29Page - Microchip Technology EMC1702 Datasheet HTML 30Page - Microchip Technology EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
EMC1702
DS20006455A
28
2020 Microchip Technology Inc.
As well, the THERM pin will be asserted if the measured current or source voltage meet or exceed
the user programmed Vcrit Limit values. In this case, the THERM pin will remain asserted until all
measured voltages drop below the Vcrit Limit minus the Vcrit Hysteresis (see Section 5.27).
4.6
Temperature Measurement
The EMC1702 can monitor the temperature of one externally connected diode. The external diode
channel is configured with Resistance Error Correction and Beta Compensation based on user settings
and system requirements.
The EMC1702 also measures the internal or ambient temperature.
The device contains programmable High, Low, and Tcrit limits for all measured temperature channels.
If the measured temperature drops below the Low limit or above the High limit, the ALERT pin can be
asserted (based on user settings). If the measured temperature meets or exceeds the Tcrit limit, the
THERM pin is asserted unconditionally, providing two tiers of temperature detection.
4.6.1
Resistance Error Correction
The EMC1702 includes active Resistance Error Correction to remove the effect of up to 100 ohms of
series resistance. Without this automatic feature, voltage developed across the parasitic resistance in
the remote diode path causes the temperature to read higher than what the true temperature is. The
error induced by parasitic resistance is approximately +0.7°C per ohm. Sources of series resistance
include bulk resistance in the remote temperature transistor junctions, series resistance in the CPU
resistance due to off-board connections, and resistance in the printed circuit board traces and package
leads. Resistance Error Correction in the EMC1702 eliminates the need to characterize and
compensate for parasitic resistance in the remote diode path.
The Resistance Error Correction can be disabled for each channel.
APPLICATION NOTE: When measuring AMD diodes, disable REC.
4.6.2
Beta Compensation
The forward current gain, or beta, of a transistor is not constant as emitter currents change. The
variation in beta causes an error in temperature reading. Compensating for this error is also known as
implementing the BJT or transistor model for temperature measurement.
For discrete transistors configured with the collector and base shorted together, the beta is generally
sufficiently high such that the percent change in beta variation is very small. For example, a 10%
variation in beta for two forced emitter currents with a transistor whose ideal beta is 50 would contribute
approximately 0.25°C error at 100°C. However for substrate transistors where the base-emitter junction
is used for temperature measurement and the collector is tied to the substrate, the proportional beta
variation will cause large error. For example, a 10% variation in beta for two forced emitter currents
with a transistor whose ideal beta is 0.5 would contribute approximately 8.25°C error at 100°C.
The Beta Compensation circuitry in the EMC1702 corrects for this beta variation to eliminate any error
which would normally be induced. It automatically detects the appropriate beta setting to use and will
properly recognize and measure a discrete diode.
4.6.3
Ideality Factor
The EMC1702 is designed for external diodes with an ideality factor of 1.008. Not all external diodes,
processor or discrete, will have this exact value. This variation of the ideality factor introduces error in
the temperature measurement which must be corrected for. This correction is typically done using
programmable offset registers. Since an ideality factor mismatch introduces an error that is a function
of temperature, this correction is only accurate within a small range of temperatures. To provide
maximum flexibility to the user, the EMC1702 provides a register for each external diode where the
ideality factor of the diode used may be programmed to eliminate errors across all temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com