Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 56 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 56 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 52Page - Microchip Technology EMC1702 Datasheet HTML 53Page - Microchip Technology EMC1702 Datasheet HTML 54Page - Microchip Technology EMC1702 Datasheet HTML 55Page - Microchip Technology EMC1702 Datasheet HTML 56Page - Microchip Technology EMC1702 Datasheet HTML 57Page - Microchip Technology EMC1702 Datasheet HTML 58Page - Microchip Technology EMC1702 Datasheet HTML 59Page - Microchip Technology EMC1702 Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
EMC1702
DS20006455A
56
2020 Microchip Technology Inc.
Chapter 7 Datasheet Revision History
Table 7.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
DS20006455A (11-03-20)
Document Update
Moved document to the Microchip template
Rev. 1.2 (09-27-10)
Table 2.1, "Absolute
Maximum Ratings"
Added spec for voltage between SENSE pins.
Table 2.2, "Electrical
Specifications"
Updated all electrical specs for current sense
measurement, supply current, and peak detector.
Electrical Specifications
APPLICATION NOTE:
Added note: The EMC1704 is trimmed at the
80mV range for best accuracy.
Section 5.13, "Beta
Configuration Registers"
“BETAx[2:0] bits” changed to “BETAx[3:0] bits”.
Rev. 1.1 (06-16-10)
System Diagram
Updated.
Section 5.15, "High Limit
Status Register" and Section
5.16, "Low Limit Status
Register"
ALERT# pin won’t be set if masked.
Table 5.32, "Current
Sensing Range (Full Scale
Range) Settings"
Changed title from Current Sensing Range to
Current Sensing Range (Full Scale Range)
Settings.
Table 2.2, "Electrical
Specifications"
TA upper limit changed from 125°C to 85°C.
Bus voltage symbol changed from VSOURCE to
VBUS.
IDD at 4 conversions/second with dynamic
averaging enabled changed from 0.95 typ and
1.375 max to 0.9 typ and 1.3 max.
IDD at 4 conversions/second with dynamic
averaging disabled changed from 0.80 typ to 0.8
typ.
IDD at 1 conversion/second with dynamic
averaging disabled changed from 650 typ and 1
max to 0.7 typ and 1.0 max.
VSENSE Full Scale Sense Range values changed
from 0 min and +/- max values to - min values and
+ max values; conditions changed.
Total Unadjusted VSENSE Measurement Error
(VSENSE_TUE) renamed VSENSE Measurement
Error (VSENSE_ERR); typ value at 20-80mV FSR
changed from 0.8 to +/-0.5 and max changed from
+/-1.5 to +/-1; typ value at 10mV FSR changed
from 0.2 to +/-0.8 and max changed from +/-2 to
+/-1.5.
VSENSE_OFF condition added.
VSENSE Measurement Gain Error has new symbol
VSENSE_GN; added typ +/-0.2 and changed max
from 0.5 to +/-0.5.
VTH_ERR changed from +/-20 to +/-2.
VSOURCE_ERR changed conditions; typ changed
from 0.05 to +/-0.2 and max changed from 1 to +/-
0.5.
Added Power Ratio Measurement specs.
Data hold time changed from 0.6 min and 6 max
to 0 min and no max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com