Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 35 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 35 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology EMC1702 Datasheet HTML 35Page - Microchip Technology EMC1702 Datasheet HTML 36Page - Microchip Technology EMC1702 Datasheet HTML 37Page - Microchip Technology EMC1702 Datasheet HTML 38Page - Microchip Technology EMC1702 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
35
DS20006455A
Bit 7 - BUSY - This bit indicates that one of the ADCs is currently converting. This bit does not cause
either the ALERT or THERM pins to be asserted.
Bit 6 - PEAK - This bit is set when the Peak Detector circuitry has detected a current peak that is
greater than the programmed threshold for longer than the programmed duration. This bit is not sticky
and will be cleared when the condition has been removed. When set, the THERM pin or ALERT pin
(Comparator mode only) may be asserted (see Section 5.19).
Bit 4 - HIGH - This bit is set when any of the temperature channels meets or exceeds its programmed
high limit. This bit will also be set if the VSENSE or VSOURCE channels meet or exceed their respective
high limits. See the High Limit Status Register for specific channel information (Section 5.15). When
set, the ALERT pin is asserted.
Bit 3 - LOW - This bit is set when any of the temperature channels drops below its programmed low
limit. This bit will also be set if the VSENSE or VSOURCE channels drop below their respective low limits.
See the Low Limit Status Register for specific channel information (Section 5.16). When set, the
ALERT pin is asserted.
Bit 2 - FAULT - This bit is set when a diode fault is detected on any of the external diode channels.
See the External Diode Fault Register for specific channel information (Section 5.10). When set, the
ALERT pin is asserted.
Bit 1 - CRIT - This bit is set when any of the temperature channels meets or exceeds its programmed
Tcrit limit. This bit will also be set if the VSENSE or VSOURCE channels meet or exceed their respective
Vcrit limits (see the Section 5.17, "Crit Limit Status Register" for specific channel information). When
set, the THERM pin is asserted. This bit is not sticky and will be cleared when the error condition has
been removed.
5.5
Configuration Register
The Configuration Register controls the basic operation of the device. This register is fully accessible
at either address.
Bit 7 - MASK_ALL - Masks the ALERT pin from asserting.
‘0’ (default) - The ALERT pin is not masked. If any of the appropriate status bits are set, the ALERT
pin will be asserted.
‘1’ - The ALERT pin is masked if configured in Interrupt mode (see Section 4.4.1, "ALERT Pin
Interrupt Mode"). The Status Registers will be updated normally.
Bit 6 - TMEAS / STOP - Controls Temperature measurement modes.
‘0’ (default) - The device is active, measuring all of the temperature channels.
‘1’ - The device is not measuring temperature channels. It will update all of the temperature
channels when a One-Shot command is given.
Bit 5 - ALERT/COMP - Controls the operation of the ALERT pin.
‘0’ (default) - The ALERT pin acts in Interrupt mode as described in Section 4.4.1.
‘1’ - The ALERT pin acts in Comparator mode as described in Section 4.4.2. In this mode the
MASK_ALL bit is ignored.
Bit 4 - DIS_REC1- Disables the Resistance Error Correction (REC) for External Diode 1.
Table 5.5 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h
R/W
Configuration
MASK_
ALL
TMEAS
/STOP
ALERT/
COMP
DIS_
REC1
-
IMEAS
/STOP
DAVG_
DIS
-
00h
09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com