Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 16 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 16 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 12Page - Microchip Technology EMC1702 Datasheet HTML 13Page - Microchip Technology EMC1702 Datasheet HTML 14Page - Microchip Technology EMC1702 Datasheet HTML 15Page - Microchip Technology EMC1702 Datasheet HTML 16Page - Microchip Technology EMC1702 Datasheet HTML 17Page - Microchip Technology EMC1702 Datasheet HTML 18Page - Microchip Technology EMC1702 Datasheet HTML 19Page - Microchip Technology EMC1702 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
EMC1702
DS20006455A
16
2020 Microchip Technology Inc.
Chapter 3 Communications
3.1
System Management Bus Interface Protocol
The EMC1702 communicates with a host controller, such as an SIO, through the SMBus. The SMBus
is a two-wire serial communication protocol between a computer host and its peripheral devices. A
detailed timing diagram is shown in Figure 3.1. Stretching of the SMCLK signal is supported; however,
the EMC1702 will not stretch the clock signal.
3.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic
‘0’ state while the SMBus Clock line is in a logic ‘1’ state.
3.1.2
SMBus Address and RD / WR Bit
The SMBus Address Byte consists of the 7-bit client address followed by a 1-bit RD / WR indicator. If
this RD / WR bit is a logic ‘0’, the SMBus host is writing data to the client device. If this RD / WR bit
is a logic ‘1’, the SMBus host is reading data from the client device.
The EMC1702 SMBus address is determined by a single resistor connected between ground and the
ADDR_SEL pin as shown in Table 3.1.
Figure 3.1 SMBus Timing Diagram
Table 3.1 ADDR_SEL Resistor Setting
RESISTOR (5%)
SMBUS ADDRESS
RESISTOR (5%)
SMBUS ADDRESS
0
1001_100(r/w)
1600
0101_000(r/w)
100
1001_101(r/w)
2000
0101_001(r/w)
180
1001_110(r/w)
2700
0101_010(r/w)
300
1001_111(r/w)
3600
0101_011(r/w)
430
1001_000(r/w)
5600
0101_100(r/w)
SMDATA
SMCLK
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
T HIGH
T LOW
T HD:STA
T SU:STO
T HD:STA T HD:DAT
T SU:DAT
T SU:STA
T FALL
T RISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com