Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 44 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 44 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 40Page - Microchip Technology EMC1702 Datasheet HTML 41Page - Microchip Technology EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology EMC1702 Datasheet HTML 47Page - Microchip Technology EMC1702 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
EMC1702
DS20006455A
44
2020 Microchip Technology Inc.
5.18 Averaging Control Register
The Averaging Control Register controls the digital averaging on the external diode channels.
Bits 1-0 - AVG1[1:0] - Controls the digital averaging that is applied to the External Diode 1 temperature
measurements as shown in Table 5.23.
5.19 Voltage Sampling Configuration Register
The Voltage Sampling Configuration register controls functionality for the source voltage measurement
and Peak Detector circuitry.
Bit 7 - PK_ALERT_THERM - Determines whether the ALERT pin or THERM pin is asserted if the Peak
Detector detects a current spike. If configured to assert the ALERT pin, the PEAK_MASK can block
the pin assertion normally. If configured to assert the THERM pin, it will not be masked.
‘0’ - The Peak Detector circuitry will assert the ALERT pin when a current spike is detected. The
ALERT pin must be configured to operate in Comparator mode or it will not be asserted.
‘1’ (default) - The Peak Detector circuitry will assert the THERM pin when a current spike is
detected.
Bits 3 - 2 - V_QUEUE[1:0] - Determine the number of consecutive measurements that VSOURCE must
exceed the limits before flagging an interrupt.
Table 5.22 Filter Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Filter Control
-
-
-
-
-
-
AVG1[1:0]
00h
Table 5.23 Averaging Settings
AVGX[1:0]
AVERAGING
1
0
0
0
Disabled (default)
0
1
2x
1
0
4x
1
1
8x
Table 5.24 Voltage Sampling Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
50h
R/W
Voltage
Sampling
Config
PK_
ALERT_
THERM
-
-
-
V_QUEUE[1:0]
V_AVG[1:0]
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com