Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 29 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 29 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 25Page - Microchip Technology EMC1702 Datasheet HTML 26Page - Microchip Technology EMC1702 Datasheet HTML 27Page - Microchip Technology EMC1702 Datasheet HTML 28Page - Microchip Technology EMC1702 Datasheet HTML 29Page - Microchip Technology EMC1702 Datasheet HTML 30Page - Microchip Technology EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
29
DS20006455A
APPLICATION NOTE: When monitoring a substrate transistor or CPU diode and beta compensation is enabled, the
Ideality Factor should not be adjusted. Beta Compensation automatically corrects for most
ideality errors.
4.6.4
Dynamic Averaging
The EMC1702 supports dynamic averaging. When enabled, this feature changes the conversion time
for all channels based on the selected conversion rate. This essentially increases the averaging factor
as shown in Table 4.3. The benefits of Dynamic Averaging are improved noise rejection due to the
longer integration time as well as less random variation on the temperature measurement.
4.7
Diode Connections
For the EMC1702, the external diode channel supports any of the diode connections shown in
Figure 4.3.
4.7.1
Diode Faults
The EMC1702 actively detects an open and short condition on each measurement channel. When a
diode fault is detected, the temperature data MSByte is forced to a value of 80h and the FAULT bit is
set in the Status Register.
Table 4.3 Dynamic Averaging Behavior
CONVERSION RATE
AVERAGING FACTOR (RELATIVE TO 11-BIT CONVERSION)
DYNAMIC AVERAGING
ENABLED
DYNAMIC AVERAGING
DISABLED
< 1 / sec
16x
1x
2 / sec
8x
1x
4 / sec
4x
1x
8 / sec
1x
1x
Figure 4.3 Diode Connections
Local
Ground
to DP
Typical remote
substrate transistor
i.e. CPU substrate PNP
Typical remote
discrete PNP transistor
i.e. 2N3906
Typical remote
discrete NPN transistor
i.e. 2N3904
to DN
to DP
to DN
to DP
to DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com