Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 42 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 42 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 38Page - Microchip Technology EMC1702 Datasheet HTML 39Page - Microchip Technology EMC1702 Datasheet HTML 40Page - Microchip Technology EMC1702 Datasheet HTML 41Page - Microchip Technology EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
EMC1702
DS20006455A
42
2020 Microchip Technology Inc.
APPLICATION NOTE: When measuring a 65nm Intel CPUs, the Ideality Setting should be the default 12h. When
measuring 45nm Intel CPUs, the Ideality Setting should be 15h.
5.15 High Limit Status Register
The High Limit Status Register contains the status bits that are set when a temperature or voltage
channel high limit is met or exceeded. If any of these bits are set, the HIGH status bit in the Status
Register is set. Reading from the High Limit Status Register will clear all bits if the error condition has
been removed. Reading from the register will also clear the HIGH status bit in the Status Register if
the error condition has been removed.
If not masked, the ALERT pin will be set if the programmed number of consecutive alert counts have
been met and any of these status bits are set. Once set, the status bits will remain set until read unless
the ALERT pin is configured as a comparator output (see Section 4.4.2).
Bit 7 - VSENSE_HIGH - This bit is set when the VSENSE value meets or exceeds its programmed high
limit.
Bit 6 - VSRC_HIGH - This bit is set when the VSOURCE value meets or exceeds its programmed high
limit.
Bit 1 - E1HIGH - This bit is set when the External Diode 1 channel meets or exceeds its programmed
high limit.
Bit 0 - IHIGH - This bit is set when the Internal Diode channel meets or exceeds its programmed high
limit.
Table 5.18 Ideality Factor Look-Up Table (Diode Model)
SETTING
FACTOR
10h
1.0053
11h
1.0066
12h
1.0080
13h
1.0093
14h
1.0106
15h
1.0119
16h
1.0133
17h
1.0146
Table 5.19 High Limit Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
35h
R-C
High Limit
Status
VSENSE_
HIGH
VSRC_
HIGH
-
-
-
-
E1
HIGH
I
HIGH
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com