Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 14 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 14 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 10Page - Microchip Technology EMC1702 Datasheet HTML 11Page - Microchip Technology EMC1702 Datasheet HTML 12Page - Microchip Technology EMC1702 Datasheet HTML 13Page - Microchip Technology EMC1702 Datasheet HTML 14Page - Microchip Technology EMC1702 Datasheet HTML 15Page - Microchip Technology EMC1702 Datasheet HTML 16Page - Microchip Technology EMC1702 Datasheet HTML 17Page - Microchip Technology EMC1702 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
EMC1702
DS20006455A
14
2020 Microchip Technology Inc.
APPLICATION NOTE: The EMC1702 is trimmed at the 80mV range for best accuracy.
Threshold Accuracy
(±)
VTH_ERR
2
5
%
VTH = 80mV
EXTERNAL TEMPERATURE MONITORS
Temperature
Accuracy (±)
0.25
1
°C
+20°C < TDIODE < +110°C
0°C < TA < 85°C
0.5
2
°C
-40°C < TDIODE < 127°C
Temperature
Resolution
0.125
°C
Diode Decoupling
Capacitor
CFILTER
2200
2700
pF
Connected across external
diode, CPU, GPU, or AMD diode
Series Resistance
Canceled
RSERIES
100
Ohm
Sum of series resistance in both
DP and DN lines
INTERNAL TEMPERATURE MONITOR
Temperature
Accuracy (±)
0.25
1
°C
-5°C < TA < 85°C
2
°C
-40°C < TA < 85°C
Temperature
Resolution
0.125
°C
CONVERSION TIMES
First Conversion
Ready
tCONV_T
180
300
ms
Time after power up before
temperature and voltage
measurements updated and
PRATIO updated
SMBus Delay
tSMB_D
25
ms
Time before SMBus
communications should be sent
by host
DIGITAL I/O PINS (SMCLK, SMDATA, THERM, ALERT)
Input High Voltage
VIH
2.0
V
SMCLK, SMDATA
OD pins pulled up to VPULLUP
Input Low Voltage
VIL
0.8
V
Output Low Voltage
VOL
0.4
V
OD pin pulled to VPULLUP
4 mA current sink
Table 2.2 Electrical Specifications (continued)
VDD = VBUS = 3V TO 24V, VPULLUP = 3V TO 5.5V, TA = -40°C TO 85°C,
ALL TYPICAL VALUES AT VDD = VPULLUP = 3.3V, VBUS = 12V, AND TA = 27°C UNLESS OTHERWISE NOTED.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com