Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 7Page - Microchip Technology EMC1702 Datasheet HTML 8Page - Microchip Technology EMC1702 Datasheet HTML 9Page - Microchip Technology EMC1702 Datasheet HTML 10Page - Microchip Technology EMC1702 Datasheet HTML 11Page - Microchip Technology EMC1702 Datasheet HTML 12Page - Microchip Technology EMC1702 Datasheet HTML 13Page - Microchip Technology EMC1702 Datasheet HTML 14Page - Microchip Technology EMC1702 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
11
DS20006455A
Chapter 2 Electrical Characteristics
Note 2.1
Stresses at or above those values listed could cause permanent damage to the device.
This is a stress rating only, and functional operation of the device at any other condition
above those indicated in the operation sections of this specification is not implied.
Prolonged stresses above the stated operating levels and below the Absolute Maximum
Ratings may degrade device performance and lead to permanent damage.
Note 2.2
All voltages are relative to ground.
Note 2.3
The Package Power Dissipation specification assumes a thermal via design with the
thermal landing be soldered to the PCB ground plane with four 12 mil vias.
Note 2.4
Junction to Ambient (JA) is dependent on the design of the thermal vias. Without thermal
vias and a thermal landing, the JA is approximately 60°C/W including localized PCB
temperature increase.
Table 2.1 Absolute Maximum Ratings
Voltage on 5V tolerant pins
-0.3 to 5.5
V
Voltage on 2V tolerant pins
-0.3 to 2
V
Voltage on VDD, SENSE- and SENSE+ pins
-0.3 to 26
V
Voltage on any other pin to GND
-0.3 to 4
V
Voltage between Sense pins ( |(SENSE+ - SENSE-)| )
< 6
V
Package Power Dissipation
0.5W up to TA = 85°C
W
Junction to Ambient (JA) (QFN12 package)
58
°C/W
Operating Ambient Temperature Range
-40 to 85
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating - SMCLK, SMDATA, ALERT, THERM pins - HBM
4000
V
ESD Rating - All other pins - HBM
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com