Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1702 Datasheet(PDF) 43 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 43 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 39Page - Microchip Technology EMC1702 Datasheet HTML 40Page - Microchip Technology EMC1702 Datasheet HTML 41Page - Microchip Technology EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology EMC1702 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
43
DS20006455A
5.16 Low Limit Status Register
The Low Limit Status Register contains the status bits that are set when a temperature or voltage
channel drops below the low limit. If any of these bits are set, the LOW status bit in the Status Register
is set. Reading from the Low Limit Status Register will clear all bits. Reading from the register will also
clear the LOW status bit in the Status Register if the error status has been removed.
If not masked, the ALERT pin will be set if the programmed number of consecutive alert counts have
been met and any of these status bits are set.
Once set, the status bits will remain set until read.
Bit 7 - VSENSE_LOW - This bit is set when the VSENSE value drops below its programmed low limit.
Bit 6 - VSRC_LOW - This bit is set when the VSOURCE value drops below its programmed low limit.
Bit 1 - E1LOW - This bit is set when the External Diode 1 channel drops below its programmed low
limit.
Bit 0 - ILOW - This bit is set when the Internal Diode channel drops below its programmed low limit.
5.17 Crit Limit Status Register
The Crit Limit Status register contains the status bits that are set when a temperature or voltage
channel Tcrit or Vcrit Limit is met or exceeded (see Section 5.9 and Section 5.27). If any of these bits
are set, the CRIT status bit in the Status register is set. Reading from the Crit Limit Status register will
not clear the status bits. Once the temperature drops below the Tcrit Limit minus the Tcrit Hysteresis,
the corresponding status bits will be automatically cleared. Once the voltage drops below the Vcrit Limit
minus the Vcrit Hysteresis, the corresponding status bits will be automatically cleared. The CRIT bit in
the Status register will be cleared when all individual bits are cleared.
Bit 7 - VSENSE_VCRIT - This bit is set when the VSENSE value meets or exceeds its programmed
Vcrit limit. When set, this bit will assert the THERM pin.
Bit 6 - VSRC_VCRIT- This bit is set when the VSOURCE value meets or exceeds its programmed Vcrit
limit. When set, this bit will assert the THERM pin.
Bit 1 - E1TCRIT - This bit is set when the External Diode 1 channel meets or exceeds its programmed
Tcrit limit. When set, this bit will assert the THERM pin.
Bit 0 - ITCRIT - This bit is set when the Internal Diode channel meets or exceeds its programmed Tcrit
limit. When set, this bit will assert the THERM pin.
Table 5.20 Low Limit Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
36h
R-C
Low Limit
Status
VSENSE_
LOW
VSRC_
LOW
-
-
-
-
E1
LOW
ILOW
00h
Table 5.21 Crit Limit Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
37h
R-C
Crit Limit
Status
VSENSE_
VCRIT
VSRC_
VCRIT
-
-
-
-
E1
TCRIT
ITCRIT
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com