| Electronic Components Datasheet Search |
|
PIMXRT516SCVM2A Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT516SCVM2A Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 128 page ![]() i.MX RT1170 introduction i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021 NXP Semiconductors 5 — Twelve universal asynchronous receiver/transmitter (UARTs) modules — Six I2C modules — Six SPI modules — Three FlexCAN (with Flexible Data-rate supported) modules — Two EMV SIM modules • Analog: — Two Analog-Digital-Converters (ADC), which supports both differential and single-end inputs — One Digital-Analog-Converter (DAC) — Four Analog Comparators (ACMP) • GPIO and Pin Multiplexing: — General-purpose input/output (GPIO) modules with interrupt capability — Input/output multiplexing controller (IOMUXC) to provide centralized pad control — Two FlexIO modules — 8 x 8 keypad The i.MX RT1170 processors integrate advanced power management unit and controllers: • Full PMIC integration, including on-chip DCDC and LDOs • Temperature sensor with programmable trim points • Hardware power management controller (GPC) The i.MX RT1170 processors support the following system debug: • Arm CoreSight debug and trace architecture • Trace Port Interface Unit (TPIU) to support off-chip real-time trace • Cross Triggering Interface (CTI) • Support for 5-pin (JTAG) and SWD debug interfaces Security functions are enabled and accelerated by the following hardware: • High Assurance Boot (HAB) • Cryptographic Acceleration and Assurance (CAAM) module: — Public Key Cryptography Engine (PKHA) — Symmetric Engines — Cryptographic Hash Engine — Random Number Generation (RNG4) — Four Job Rings for use by processors — Secure Hardware-Only Cryptographic Key Management — Encrypted Boot — Revision control check based on fuse values — DEK includes IV — Side channel attack countermeasures — 64 KB secure RAM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |