| Electronic Components Datasheet Search |
|
PIMXRT516SCVM2A Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT516SCVM2A Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 128 page ![]() Modules list i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021 NXP Semiconductors 11 3 Modules list The i.MX RT1170 processors contain a variety of digital and analog modules. Table 3 describes these modules in alphabetical order. Table 3. i.MX RT1170 modules list Block Mnemonic Block Name Subsystem Brief Description ACMP1 ACMP2 ACMP3 ACMP4 Analog Comparator Analog The comparator (CMP) provides a circuit for comparing two analog input voltages. The comparator circuit is designed to operate across the full range of the supply voltage (rail-to-rail operation). ADC_ETC ADC External Trigger Control Analog ADC_ETC enables multiple users shares a ADC module in a Time-Division-Multiplexing (TDM). ADC1 ADC2 Analog to Digital Converter Analog The ADC is a 12-bit general purpose analog to digital converter. AOI And-Or-Inverter Cross Trigger The AOI provides a universal boolean function generator using a four-term sum of products expression with each product term containing true or complement values of the four selected inputs (A, B, C, D). Arm Arm Platform Arm The Arm Core Platform includes one Cortex-M7 core. It includes associated sub-blocks, such as Nested Vectored Interrupt Controller (NVIC), Floating-Point Unit (FPU), Memory Protection Unit (MPU), and CoreSight debug modules. The Cortex-M4 platform has following features: • Cortex-M4 processor with FPU • Local memory – 16 KB instruction cache and 16 KB data cache – 256 KB TCM ASRC Asynchronous Sample Rate Converter Multimedia Peripherals The ASRC can process groups of audio channels with an independent time-based simultaneously. CAAM Cryptographic Accelerator and Assurance Module Security CAAM supports a set of standard hardware accelerators, boot time acceleration of the hashing function, crypto key protection, HDCP 2.x authentication and protected video path support, manufacturing protection and public key cryptographic acceleration, and inter-operate with TrustZone, Resource Domain, and system virtualization access controls. CANFD1 CANFD2 CANFD3 Flexible Controller Area Network Connectivity Peripherals The CAN with Flexible Data rate (CAN FD) module is a communication controller implementing the CAN protocol according to the ISO11898-1 and CAN 2.0B protocol specification. CCM GPC PGMC PMU SRC Clock Control Module, General Power Controller, Power Manage Unit, Power Gating and Memory Controller, System Reset Controller Clocks, Resets, and Power Control These modules are responsible for clock and reset distribution in the system, and also for the system power management. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |