| Electronic Components Datasheet Search |
|
PIMXRT516SCVM2A Datasheet(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT516SCVM2A Datasheet(HTML) 100 Page - NXP Semiconductors |
|
100 / 128 page ![]() i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021 100 NXP Semiconductors Electrical characteristics Figure 51. RGMII receive signal timing diagram with internal delay 4.9.4.4 Ethernet Quality-of-Service (QOS) electrical specifications The following timing specs are defined at the chip I/O pin and must be translated appropriately to arrive at timing specs/constraints for the physical interface. It also supports the following Time Sensitive Networking (TSN) features: • 802.1Qbv Enhancements to Scheduling Traffic • 802.1Qbu Frame preemption • Time based Scheduling Please refer to RGMII, RMII, and MII specifications in Section 4.9.4, Ethernet controller (ENET) AC electrical specifications 4.9.5 Controller Area Network (CAN) AC electrical specifications The Controller Area Network (CAN) module is a communication controller implementing the CAN protocol according to the CAN with Flexible Data rate (CAN FD) protocol and the CAN 2.0B protocol specification. The processor has three CAN modules available. Tx and Rx ports are multiplexed with other I/O pins. See the IOMUXC chapter of the device reference manual to see which pins expose Tx and Rx pins; these ports are named CAN_TX and CAN_RX, respectively. Please refer to Section 4.3.2.1, General purpose I/O (GPIO) AC parameters. 4.9.6 LPUART electrical specifications Please refer to Section 4.3.2.1, General purpose I/O (GPIO) AC parameters. 4.9.7 USB PHY parameters This section describes the USB-OTG PHY parameters. The USB PHY meets the electrical compliance requirements defined in the Universal Serial Bus Revision 2.0 OTG with the following amendments. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |