Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25QC160GLDPTH Datasheet(PDF) 25 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 25 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 29Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
25
The ACE25QC160G is also backward compatible to ACE’s previous generations of serial flash memories,
in which the Status Register-1&2 can be written using a single “Write Status Register-1 (01h)” command. To
complete the Write Status Register- 1&2 instruction, the /CS pin must be driven high after the sixteenth bit
of data that is clocked in as shown in Figure 5.c(SPI mode) & Figure 5.d(QPI mode). If /CS is driven high
after the eighth clock, the Write Status Register-1 (01h) instruction will only program the Status Register-1,
the Status Register-2 will not be affected (Previous generations will clear CMP and QE bits).
Figure5 c. Write Status Register-1/2 Instruction (SPI Mode)
Figure5 d. Write Status Register-1/2 Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com